Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1623 Datasheet (PDF) - Maxim Integrated Products

MAX1623 Datasheet PDF - Maxim Integrated Products
Part # MAX1623
Download  MAX1623 Download
File Size   164.0 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches

MAX1623 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1623 Datasheet PDF - Maxim Integrated Products

Part # MAX1623
Download  MAX1623 Click to download

File Size   164.0 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches

MAX1623 Datasheet (HTML) - Maxim Integrated Products


MAX1623 Product details

General Description
The MAX1623 switch-mode buck regulator with synchronous rectification provides local CPU and bus-termination power in notebook and desktop computers. An internal 55mΩ (typ), 3A PMOS power switch and 60mΩ (typ), 3A NMOS synchronous-rectifier switch deliver continuous load currents up to 3A from a 5V supply with 95% typical efficiency. Output accuracy is ±1%, including line and load regulation.

Features
♦ ±1% Output Accuracy, Including Line and Load
   Regulation
♦ 94% Efficiency
♦ Internal Switches
   55mΩ PMOS Power Switch
   60mΩ NMOS Synchronous-Rectifier Switch
♦ Guaranteed 3A Load Capability
♦ Minimal External Components
♦ Pin-Selectable Fixed 3.3V, 2.5V, or
   Adjustable (1.1V to 3.8V) Output Voltage
♦ 4.5V to 5.5V Input Voltage Range
♦ 400µA (typ) Supply Current
♦ <1µA Shutdown Supply Current
♦ Constant-Off-Time PWM Operation
♦ Switching Frequencies Up to 350kHz
♦ Idle Mode™ Operation at Light Loads
♦ Thermal Shutdown Protection
♦ Available in 20-Pin SSOP

Applications
   5V to 3.3V Conversion
   Notebook Computer CPU I/O Supply
   Desktop Computer Bus-Termination Supply
   CPU Daughter Card Supply
   DSP Supply




Similar Part No. - MAX1623

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1623 MAXIM-MAX1623 Datasheet
242Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1623EAP MAXIM-MAX1623EAP Datasheet
242Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
More results


Similar Description - MAX1623

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1830 MAXIM-MAX1830 Datasheet
278Kb / 13P
3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-2198; Rev 0; 10/01
MAX1843 MAXIM-MAX1843 Datasheet
366Kb / 13P
2.7A, 1MHz, Low-Voltage, Step-Down Regulator with Internal Synchronous Rectification in QFN Package
19-1986; Rev 1; 3/02
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
4A step-down switching regulator with synchronous rectification
08-Aug-2006
logo
Maxim Integrated Produc...
MAX15035 MAXIM-MAX15035 Datasheet
575Kb / 27P
15A Step-Down Regulator with Internal Switches
Rev 2; 10/08
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX15035 MAXIM-MAX15035_V01 Datasheet
1Mb / 28P
15A Step-Down Regulator with Internal Switches
2018
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com