Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10229 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10229 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10229
Download  X10229 Download
File Size   531.29 Kbytes
Page   5 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Up to 25A, 440V Microprocessor-Based Power Controller

X10229 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10229 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10229
Download  X10229 Click to download

File Size   531.29 Kbytes
Page   5 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Up to 25A, 440V Microprocessor-Based Power Controller

X10229 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10229 Product details

KEY FEATURES:
 Energy-Saving Design
 Soft-Start Functionality
 Selectable Phase-Angle or Burst-Firing Modes
 Simple, Efficient Wiring
 Standard 80mm Fixing
 Solid-State Reliability
 Isolated Input Signals
 Rugged and Compact Construction
 Integrated Power Device
APPLICATIONS:
The STOM1 is ideal for controlling resistive loads in industrial settings, including:
 Ovens
 Moulders
 Dryers
 Any unusual heating loads with low cold resistance




Similar Part No. - X10229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10229 ETC2-X10229 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10229 UNITEDAUTOMATION-X10229 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10229 UNITEDAUTOMATION-X10229 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10229 UNITEDAUTOMATION-X10229 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10229 UNITEDAUTOMATION-X10229 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10229

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
OUTPUT CURRENT UP TO 25A
logo
Crydom Inc.,
MCBC1225 CRYDOM-MCBC1225 Datasheet
941Kb / 6P
Microprocessor based burst-fire controller / SSR
MCPC1225 CRYDOM-MCPC1225 Datasheet
952Kb / 6P
Microprocessor based phase angle controller / SSR
MCST1225 CRYDOM-MCST1225 Datasheet
1Mb / 5P
Microprocessor based soft-start / soft-stop controller
MCTC2425 CRYDOM-MCTC2425 Datasheet
1Mb / 6P
Microprocessor based temperature controller / SSR
logo
Schneider Electric
LC1D25BNE SCHNEIDER-LC1D25BNE Datasheet
124Kb / 4P
TeSys D contactor 3P 25A AC-3 up to 440V coil 24-60V AC/DC
Jan 4, 2021
LC1D25EHE SCHNEIDER-LC1D25EHE Datasheet
124Kb / 4P
TeSys D contactor 3P 25A AC-3 up to 440V coil 48-130V AC/DC
Jan 4, 2021
LC1D25KUE SCHNEIDER-LC1D25KUE Datasheet
125Kb / 4P
TeSys D contactor 3P 25A AC-3 up to 440V coil 100-250V AC/DC
Jan 4, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com