Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10229 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10229 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10229
Download  X10229 Download
File Size   378.69 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Microprocessor-Based 10V to 440V Dual Mode Trigger Module

X10229 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10229 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10229
Download  X10229 Click to download

File Size   378.69 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Microprocessor-Based 10V to 440V Dual Mode Trigger Module

X10229 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10229 Product details

KEY FEATURES:
 Energy Saving: Reduces power consumption with efficient control.
 Dual Mode Control: Select between phase-angle and burst-firing.
 Soft-Start: Adjustable from 0-30 seconds for gentle startup.
 Isolated Inputs: Accepts 0-5V DC or 4-20mA signals.
 Load Status Indicator: For real-time feedback.
 Rugged & Compact: Built for durability in harsh environments.
APPLICATIONS:
 Ovens
 Moulders
 Dryers
 Ideal for heating loads with low resistance when cold




Similar Part No. - X10229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10229 ETC2-X10229 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10229 UNITEDAUTOMATION-X10229 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10229 UNITEDAUTOMATION-X10229 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10229 UNITEDAUTOMATION-X10229 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10229 UNITEDAUTOMATION-X10229 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS30C7210 ETC-HMS30C7210 Datasheet
2Mb / 337P
ARM Based 32-Bit Microprocessor
logo
Toshiba Semiconductor
TMP68301 TOSHIBA-TMP68301 Datasheet
145Kb / 2P
68hg000 based intergrated microprocessor
logo
Analog Devices
AD2050 AD-AD2050_15 Datasheet
842Kb / 2P
MICROPROCESSOR BASED THERMOCOUPLE METERS
AD2051 AD-AD2051_15 Datasheet
842Kb / 2P
MICROPROCESSOR BASED THERMOCOUPLE METERS
logo
Amphenol Corporation
HUMI-DP-XR-S AMPHENOL-HUMI-DP-XR-S Datasheet
245Kb / 4P
Microprocessor-based signal processing
logo
Guangdong Youtai Semico...
PESD12VL1BA UMW-PESD12VL1BA Datasheet
335Kb / 4P
Microprocessor based equipment
PESD5V0V1BA UMW-PESD5V0V1BA Datasheet
417Kb / 4P
Microprocessor based equipment
BSD3C031V UMW-BSD3C031V Datasheet
475Kb / 4P
Microprocessor based equipment
BSD3C051V UMW-BSD3C051V Datasheet
496Kb / 4P
Microprocessor based equipment
BSD5C031V UMW-BSD5C031V Datasheet
380Kb / 4P
Microprocessor based equipment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com