Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10229 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10229 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10229
Download  X10229 Download
File Size   538.24 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Burst Fire ZVS Trigger Module

X10229 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10229 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10229
Download  X10229 Click to download

File Size   538.24 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Burst Fire ZVS Trigger Module

X10229 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10229 Product details

KEY FEATURES:
 Zero Voltage Switching: Fires TRIACs or thyristors up to 440V, ensuring precise control.
 MONO-LINK ™ Gate Firing: Provides reliable gate-to-gate firing for consistent performance.
 Universal Signal Matching: Compatible with voltage or mA control signals with universal span and zero matching.
 Status LED: Displays output level for easy monitoring.
 High-Resolution Output: Features a high isolation opto-isolated output for enhanced safety and reliability.
APPLICATIONS:
The FC11BL is ideal for managing a wide range of resistive loads, including:
 Ovens and Furnaces
 Hot Plates and Extruders
 Moulders and Space Heating
 Boilers and Dryers
 Soldering Pots and Irons
 Heating Tapes and Stress Relieving
 Smelting and Heating Mantles




Similar Part No. - X10229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10229 ETC2-X10229 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10229 UNITEDAUTOMATION-X10229 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10229 UNITEDAUTOMATION-X10229 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10229 UNITEDAUTOMATION-X10229 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10229 UNITEDAUTOMATION-X10229 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
Fire Command Center, Fire Annunciator
D1257 ETC2-D1257 Datasheet
121Kb / 2P
Fire Annunciator
logo
Crydom Inc.,
MCBC1225 CRYDOM-MCBC1225 Datasheet
941Kb / 6P
Microprocessor based burst-fire controller / SSR
logo
Mallory performance clu...
PN5596 MALLORY-PN5596 Datasheet
222Kb / 2P
Street Fire HEI Module
logo
Vicor Corporation
PI31XX-00-HVMZ VICOR-PI31XX-00-HVMZ Datasheet
1Mb / 26P
28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ Datasheet
966Kb / 18P
24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-00-HVMZ VICOR-PI31XX-00-HVMZ_18 Datasheet
1Mb / 26P
28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
logo
Carlo Gavazzi Holding A...
SBB4I2O230T6 CARLOGAVAZZI-SBB4I2O230T6 Datasheet
621Kb / 7P
Fire damper I/O module
SBB4I2O230 CARLOGAVAZZI-SBB4I2O230 Datasheet
512Kb / 8P
Fire damper I/O Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com