Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10213 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10213
Download  X10213 Download
File Size   728.63 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator

X10213 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10213 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10213
Download  X10213 Click to download

File Size   728.63 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description RFI Suppression with 15A, 17A, 110V & 230V Variable AC Regulator

X10213 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10213 Product details

KEY FEATURES:
 Adjustable output from 0 to 98% for precise voltage control
 Available in non-switched (QVR), switched (QVR/S), and 4-position switch (QLC) potentiometer options.
 Single hole fixing for easy installation.
 Robust and compact design ensures durability.
 Equipped with a large triac for inrush protection.
 Suitable for both 230V and 110V single-phase mains-driven loads
 High Surge Capability (A14232E/HS) – Handles high inrush currents for reliable operation.
APPLICATIONS:
 Ovens
 Fish & Chips
 Restaurants
 Hospitality
 Quartz Lamps / Heat Lamps
 Moulders
 Dryers and
 Some inductive loads,
 for example, transformers and motors




Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1295 MOSPEC-2SA1295 Datasheet
117Kb / 3P
POWER TRANSISTORS(17A,230V,200W)
2SA1553 MOSPEC-2SA1553 Datasheet
119Kb / 3P
POWER TRANSISTORS(15A,230V,150W)
2SC3264 MOSPEC-2SC3264 Datasheet
127Kb / 3P
POWER TRANSISTORS(17A,230V,200W)
2SC4029 MOSPEC-2SC4029 Datasheet
135Kb / 3P
POWER TRANSISTOR(15A,230V,150W)
logo
Sanyo Semicon Device
2SA2031 SANYO-2SA2031 Datasheet
33Kb / 4P
230V / 15A, AF100W Output Applications
2SA2221 SANYO-2SA2221 Datasheet
317Kb / 4P
230V / 15A, AF100W Output Applications
logo
Maxim Integrated Produc...
MAX15035 MAXIM-MAX15035 Datasheet
575Kb / 27P
15A Step-Down Regulator with Internal Switches
Rev 2; 10/08
logo
Semtech Corporation
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
15A Integrated FET Regulator with Programmable LDO
logo
Nell Semiconductor Co.,...
TTA1943 NELLSEMI-TTA1943 Datasheet
256Kb / 3P
Silicon PNP triple diffusion planar transistor -15A/-230V/150W
logo
Maxim Integrated Produc...
MAX15035 MAXIM-MAX15035_V01 Datasheet
1Mb / 28P
15A Step-Down Regulator with Internal Switches
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com