Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15217 Datasheet (PDF) - United Automation Ltd. All rights reserved

A15217 Datasheet PDF - United Automation Ltd. All rights reserved
Part # A15217
Download  A15217 Download
File Size   525.11 Kbytes
Page   3 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 25A, 230V Compact Phase Angle AC Regulator

A15217 Datasheet (PDF)

Go To PDF Page Download Datasheet
A15217 Datasheet PDF - United Automation Ltd. All rights reserved

Part # A15217
Download  A15217 Click to download

File Size   525.11 Kbytes
Page   3 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 25A, 230V Compact Phase Angle AC Regulator

A15217 Datasheet (HTML) - United Automation Ltd. All rights reserved


A15217 Product details

KEY FEATURES:
 Solid-State Reliability: Ensures long-lasting performance and durability.
 Simple Wiring: Easy installation process.
 Rugged and Compact: Designed for space-saving and robust usage.
 High Current Capability: Can handle high current loads efficiently.
 Internal Snubber: Provides protection and enhances the longevity of the device.
APPLICATIONS:
Ideal for a diverse range of applications, including:
 Ovens
 Restaurant appliances.
 Hospitality systems.
 Moulding machines.
 Dryers.
 Inductive loads such as transformers and motors.




Similar Part No. - A15217

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
A15217 UNITEDAUTOMATION-A15217 Datasheet
521Kb / 2P
25A, 110V, 230V Soft Star Control Module
6 February 2026
A15217 UNITEDAUTOMATION-A15217 Datasheet
1Mb / 3P
25A, 230V Phase Angle Power Control Module
1 July 2025
A15217 UNITEDAUTOMATION-A15217 Datasheet
1Mb / 3P
24V - 30A, 40A, 60A DC Motor Controller
1 July 2025
More results


Similar Description - A15217

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250 Datasheet
21Kb / 3P
25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC25S WTE-KBPC25S Datasheet
66Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB2505W TAITRON-MB2505W Datasheet
143Kb / 4P
25A Single-Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25NT NAINA-25NT Datasheet
102Kb / 2P
Phase Control Thyristors, 25A
logo
List of Unclassifed Man...
LXD1M7 ETC-LXD1M7 Datasheet
60Kb / 1P
CONTACTOR COIL 220/230V AC IEC
logo
ON Semiconductor
FL77904 ONSEMI-FL77904 Datasheet
316Kb / 11P
Phase-cut Dimmable Compact LED Direct AC Driver
July 2016 Rev. 1.1
logo
ORION FANS
OA254XC ORIONFANS-OA254XC Datasheet
399Kb / 1P
AC Fan - 115V, 230V High Performance
logo
Weidmuller
1351650000 WEIDMULLER-1351650000 Datasheet
546Kb / 5P
VPU III R 230V/6KV AC
logo
Alpha & Omega Semicondu...
AOZ2368QI-11 AOSMD-AOZ2368QI-11 Datasheet
1Mb / 18P
24V/25A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
logo
TiMOTION Technology Co....
TIP5 TIMOTION-TIP5 Datasheet
344Kb / 4P
Input voltage 115 or 230V AC
20221027-B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com