Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10213 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10213
Download  X10213 Download
File Size   330.53 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 2A, 230V Fan control enclosed

X10213 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10213 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10213
Download  X10213 Click to download

File Size   330.53 Kbytes
Page   2 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 2A, 230V Fan control enclosed

X10213 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10213 Product details

KEY FEATURES:
 Compact Design: Space-saving and easy to integrate into existing systems.
 Solid-State Reliability: Durable construction for long-lasting performance without mechanical wear.
 Adjustable Speed Output: Fine-tune fan speed to match specific requirements.
 Simple Wiring: Easy installation with minimal wiring complexity.
 Internal RFI Filter: Reduces electromagnetic interference, ensuring stable and efficient operation.
APPLICATIONS:
The VAC2-2E is suitable for controlling most mains AC fans and other inductive loads, making it versatile for use in heating, ventilation, and air conditioning (HVAC) systems across industrial and commercial settings.




Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
Fan Remote Control
logo
ELMOS Semiconductor AG
E910.16 ELMOS-E910.16 Datasheet
118Kb / 1P
Fan control
logo
ORION FANS
OA109XC ORIONFANS-OA109XC Datasheet
113Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA4715 ORIONFANS-OA4715 Datasheet
119Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
logo
List of Unclassifed Man...
90-360 ETC2-90-360 Datasheet
228Kb / 2P
HEAVY-DUTY ENCLOSED FAN RELAYS
logo
ORION FANS
OA200EC ORIONFANS-OA200EC Datasheet
1Mb / 1P
EC Fan Dual Speed- 115V, 230V
OA109 ORIONFANS-OA109_16 Datasheet
370Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109-METAL ORIONFANS-OA109-METAL Datasheet
240Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA109XC ORIONFANS-OA109XC_16 Datasheet
449Kb / 1P
AC Fan - 115V, 230V 120x38mm (4.7?쓝 1.5??
OA254XC ORIONFANS-OA254XC Datasheet
399Kb / 1P
AC Fan - 115V, 230V High Performance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com