Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10322 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10322 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10322
Download  X10322 Download
File Size   392.72 Kbytes
Page   3 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 25A, 230V AC Phase Angle / Burst Fire Power Regulator Stack

X10322 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10322 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10322
Download  X10322 Click to download

File Size   392.72 Kbytes
Page   3 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 25A, 230V AC Phase Angle / Burst Fire Power Regulator Stack

X10322 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10322 Product details

KEY FEATURES:
 Single Entry Cable Gland: Simplifies installation.
 Massive 0.3°C/Watt Earthed Heatsink: Ensures efficient heat dissipation.
 Control Options: Available in phase angle or burst firing versions.
 High-Speed Semiconductor Fuses: Enhance safety and reliability.
 Easy Installation: Designed for straightforward setup.
 Optional Input Control: Provides flexibility in control methods.
APPLICATIONS:
The EVR Thyristor stacks are perfect for controlling heaters, ovens, dryers, air curtains, hot plates, and heating and ventilation systems.
The SCR solid-state phase angle power handling provides smooth proportional control for diverse industrial processes, including furnaces, electroplating, controlled rectifiers, and transformers.




Similar Part No. - X10322

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
X10322 UNITEDAUTOMATION-X10322 Datasheet
1Mb / 7P
110/230v, 440v, 380/500v, 400/500v Advanced Three-Phase Thyristor Control
1 July 2025
X10322 UNITEDAUTOMATION-X10322 Datasheet
1Mb / 6P
110/230V, 440V, 380/500V, 400/500V Advanced Three-Phase Thyristor Control
10 February 2026
More results


Similar Description - X10322

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250 Datasheet
21Kb / 3P
25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC25S WTE-KBPC25S Datasheet
66Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
ZAX27A ETC2-ZAX27A Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
TAITRON Components Inco...
MB2505W TAITRON-MB2505W Datasheet
143Kb / 4P
25A Single-Phase Bridge Rectifier
logo
Crydom Inc.,
MCBC1225 CRYDOM-MCBC1225 Datasheet
941Kb / 6P
Microprocessor based burst-fire controller / SSR
logo
Naina Semiconductor ltd...
25NT NAINA-25NT Datasheet
102Kb / 2P
Phase Control Thyristors, 25A
logo
List of Unclassifed Man...
LXD1M7 ETC-LXD1M7 Datasheet
60Kb / 1P
CONTACTOR COIL 220/230V AC IEC
logo
ORION FANS
OA254XC ORIONFANS-OA254XC Datasheet
399Kb / 1P
AC Fan - 115V, 230V High Performance
logo
Weidmuller
1351650000 WEIDMULLER-1351650000 Datasheet
546Kb / 5P
VPU III R 230V/6KV AC
logo
Alpha & Omega Semicondu...
AOZ2368QI-11 AOSMD-AOZ2368QI-11 Datasheet
1Mb / 18P
24V/25A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com