Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC423 Datasheet (PDF) - STMicroelectronics

M74HC423 Datasheet PDF - STMicroelectronics
Part # M74HC423
Download  M74HC423 Download
File Size   290.78 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR

M74HC423 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC423 Datasheet PDF - STMicroelectronics

Part # M74HC423
Download  M74HC423 Click to download

File Size   290.78 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR

M74HC423 Datasheet (HTML) - STMicroelectronics


M74HC423 Product details

DESCRIPTION
The M54/74HC423/423A are high speed CMOS MONOSTABLE multivibrators fabricated with silicon gate C2MOS technology.
They achieve the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation.

■ HIGH SPEED
   tPD = 25 ns (TYP) at VCC = 5V
■ LOW POWER DISSIPATION
   STANDBYSTATE ICC=4 µA (MAX.) AT TA=25°C
   ACTIVESTATE ICC =700µA (MAX.)AT VCC=5V
■ HIGH NOISE IMMUNITY
   VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
   10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
   IOH = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
   tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
   VCC (OPR) = 2 V TO 6 V
■ WIDE OUTPUT PULSE WIDTH RANGE
   tWOUT = 120 ns ∼ 60 s OVER AT VCC = 4.5 V
■ PIN AND FUNCTION COMPATIBLE WITH
   54/74LS423




Similar Part No. - M74HC423

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC42 STMICROELECTRONICS-M74HC42 Datasheet
246Kb / 10P
BCD TO DECIMAL DECODER
Dec-1992
M74HC42 STMICROELECTRONICS-M74HC42 Datasheet
308Kb / 9P
BCD TO DECIMAL DECODER
Jul-2001
M74HC42 STMICROELECTRONICS-M74HC42 Datasheet
428Kb / 12P
BCD to decimal decoder
15-May-2013
M74HC42B1R STMICROELECTRONICS-M74HC42B1R Datasheet
246Kb / 10P
BCD TO DECIMAL DECODER
Dec-1992
M74HC42B1R STMICROELECTRONICS-M74HC42B1R Datasheet
308Kb / 9P
BCD TO DECIMAL DECODER
Jul-2001
More results


Similar Description - M74HC423

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
Dual Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Jul-2001
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com