Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC423 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC423
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC423 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC423 Datasheet HTML 1Page - STMicroelectronics M74HC423 Datasheet HTML 2Page - STMicroelectronics M74HC423 Datasheet HTML 3Page - STMicroelectronics M74HC423 Datasheet HTML 4Page - STMicroelectronics M74HC423 Datasheet HTML 5Page - STMicroelectronics M74HC423 Datasheet HTML 6Page - STMicroelectronics M74HC423 Datasheet HTML 7Page - STMicroelectronics M74HC423 Datasheet HTML 8Page - STMicroelectronics M74HC423 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
M54HC423/423A
M74HC423/423A
October 1993
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
tPD = 25 ns (TYP) at VCC =5V
.
LOW POWER DISSIPATION
STANDBY STATE ICC=4
µA (MAX.) AT TA=25°C
ACTIVE STATE ICC = 700
µA (MAX.)AT VCC=5V
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
WIDE OUTPUT PULSE WIDTH RANGE
tWOUT = 120 ns
∼ 60 s OVER AT VCC = 4.5 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS423
The M54/74HC423/423A are high speed CMOS
MONOSTABLE
multivibrators
fabricated
with
silicon gate C
2MOS technology.
They achieve the high speed operation similar to
equivalent LSTTL while maintaining the CMOS low
power dissipation. There are two trigger inputs, A
INPUT (negative edge) and B INPUT (positive
edge). These inputs are valid for rising/falling
signals, (tr –tf – 1 sec). After triggering the output
maintains the MONOSTABLE state for the time
period determined by the external resistor Rx and
capacitor Cx.
Two different pulse width constant are available:
K
≅ 0.46 for HC423
K
≅ 1 for HC423A.
Taking CLR low breaks this MONOSTABLE
STATE. If the next trigger pulse occurs during the
MONOSTABLEperiod it makes the MONOSTABLE
period longer. Limit for values of Cx and Rx :
Cx : NO LIMIT
Rx : VCC < 3.0 V 5 K
Ω to 1 M Ω
VCC
≥ 3.0 V 1 K Ω to 1 M Ω
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
DESCRIPTION
1/14


Similar Part No. - M74HC423

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC42 STMICROELECTRONICS-M74HC42 Datasheet
246Kb / 10P
BCD TO DECIMAL DECODER
Dec-1992
M74HC42 STMICROELECTRONICS-M74HC42 Datasheet
308Kb / 9P
BCD TO DECIMAL DECODER
Jul-2001
M74HC42 STMICROELECTRONICS-M74HC42 Datasheet
428Kb / 12P
BCD to decimal decoder
15-May-2013
M74HC42B1R STMICROELECTRONICS-M74HC42B1R Datasheet
246Kb / 10P
BCD TO DECIMAL DECODER
Dec-1992
M74HC42B1R STMICROELECTRONICS-M74HC42B1R Datasheet
308Kb / 9P
BCD TO DECIMAL DECODER
Jul-2001
More results

Similar Description - M74HC423

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
Dual Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Jul-2001
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com