Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4075 Datasheet (PDF) - STMicroelectronics

74HC4075 Datasheet PDF - STMicroelectronics
Part # 74HC4075
Download  74HC4075 Download
File Size   232.73 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 3 INPUT OR GATE

74HC4075 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4075 Datasheet PDF - STMicroelectronics

Part # 74HC4075
Download  74HC4075 Click to download

File Size   232.73 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE 3 INPUT OR GATE

74HC4075 Datasheet (HTML) - STMicroelectronics


74HC4075 Product details

Description
. HIGH SPEED tPD = 8 ns (TYP.) AT VCC = 5 V . LOW POWER DISSIPATION ICC = 1 µA (MAX.) AT TA = 25 °C . HIGH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) . OUTPUT DRIVE CAPABILITY 10 LSTTL LOADS . SYMMETRICAL OUTPUT IMPEDANCE |IOH| = IOL = 4 mA (MIN.) . BALANCED PROPAGATION DELAYS tPLH = tPHL . WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V . PIN AND FUNCTION COMPATIBLE WITH 4075B The M54/74HC4075 isa high speed CMOSTRIPLE 3-INPUT OR GATE fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption. The internal circuit is composed of 4 stages including buffered output, which gives high noise immunity and a stable output. All inputs are equipped with protection circuits against static discharge and transient excess voltage. 1/9




Similar Part No. - 74HC4075

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4075 PHILIPS-74HC4075 Datasheet
32Kb / 5P
Triple 3-input OR gate
December 1990
logo
Toshiba Semiconductor
74HC4075 TOSHIBA-74HC4075 Datasheet
176Kb / 4P
TRIPLE 3-INPUT OR GATE
logo
Nexperia B.V. All right...
74HC4075 NEXPERIA-74HC4075 Datasheet
200Kb / 11P
Triple 3-input OR gate
Rev. 4 - 4 February 2019
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
219Kb / 12P
Triple 3-input OR gate
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
218Kb / 12P
Triple 3-input OR gate
Rev. 2 - 4 February 2019
More results


Similar Description - 74HC4075

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4075 PHILIPS-74HC4075 Datasheet
32Kb / 5P
Triple 3-input OR gate
December 1990
HEF4075B PHILIPS-HEF4075B Datasheet
25Kb / 3P
Triple 3-input OR gate
January 1995
logo
Toshiba Semiconductor
TC74HC4075AP TOSHIBA-TC74HC4075AP Datasheet
176Kb / 4P
TRIPLE 3-INPUT OR GATE
logo
Hitachi Semiconductor
HD14075B HITACHI-HD14075B Datasheet
51Kb / 4P
Triple 3-input OR Gate
logo
STMicroelectronics
HCF4075B STMICROELECTRONICS-HCF4075B Datasheet
139Kb / 7P
TRIPLE 3 INPUT OR GATE
2001-Sep
M74HC4075 STMICROELECTRONICS-M74HC4075 Datasheet
190Kb / 8P
TRIPLE 3-INPUT OR GATE
Aug-2001
logo
National Semiconductor ...
MM54HC4075 NSC-MM54HC4075 Datasheet
113Kb / 4P
Triple 3-Input OR Gate
logo
Nexperia B.V. All right...
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
219Kb / 12P
Triple 3-input OR gate
74HCT4075-Q100 NEXPERIA-74HCT4075-Q100 Datasheet
218Kb / 12P
Triple 3-input OR gate
Rev. 2 - 4 February 2019
74HCT4075 NEXPERIA-74HCT4075 Datasheet
200Kb / 11P
Triple 3-input OR gate
Rev. 4 - 4 February 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com