Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4075 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74HC4075
Description  TRIPLE 3 INPUT OR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74HC4075 Datasheet(HTML) 1 Page - STMicroelectronics

  74HC4075 Datasheet HTML 1Page - STMicroelectronics 74HC4075 Datasheet HTML 2Page - STMicroelectronics 74HC4075 Datasheet HTML 3Page - STMicroelectronics 74HC4075 Datasheet HTML 4Page - STMicroelectronics 74HC4075 Datasheet HTML 5Page - STMicroelectronics 74HC4075 Datasheet HTML 6Page - STMicroelectronics 74HC4075 Datasheet HTML 7Page - STMicroelectronics 74HC4075 Datasheet HTML 8Page - STMicroelectronics 74HC4075 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HC4075
M74HC4075
October 1992
TRIPLE 3 INPUT OR GATE
B1R
(Plastic Package)
ORDER CODES :
M54HC4075F1R
M74HC4075M1R
M74HC4075B1R
M74HC4075C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
DESCRIPTION
.
HIGH SPEED
tPD = 8 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
4075B
The M54/74HC4075 is a high speed CMOS TRIPLE
3-INPUT OR GATE fabricated in silicon gate
C
2MOS technology. It has the same high speed
performance of LSTTL combined with true CMOS
low power consumption.
The internal circuit is composed of 4 stages
including buffered output, which gives high noise
immunity and a stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
1/9


Similar Part No. - 74HC4075

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4075 PHILIPS-74HC4075 Datasheet
32Kb / 5P
Triple 3-input OR gate
December 1990
logo
Toshiba Semiconductor
74HC4075 TOSHIBA-74HC4075 Datasheet
176Kb / 4P
TRIPLE 3-INPUT OR GATE
logo
Nexperia B.V. All right...
74HC4075 NEXPERIA-74HC4075 Datasheet
200Kb / 11P
Triple 3-input OR gate
Rev. 4 - 4 February 2019
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
219Kb / 12P
Triple 3-input OR gate
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
218Kb / 12P
Triple 3-input OR gate
Rev. 2 - 4 February 2019
More results

Similar Description - 74HC4075

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4075 PHILIPS-74HC4075 Datasheet
32Kb / 5P
Triple 3-input OR gate
December 1990
HEF4075B PHILIPS-HEF4075B Datasheet
25Kb / 3P
Triple 3-input OR gate
January 1995
logo
Toshiba Semiconductor
TC74HC4075AP TOSHIBA-TC74HC4075AP Datasheet
176Kb / 4P
TRIPLE 3-INPUT OR GATE
logo
Hitachi Semiconductor
HD14075B HITACHI-HD14075B Datasheet
51Kb / 4P
Triple 3-input OR Gate
logo
STMicroelectronics
HCF4075B STMICROELECTRONICS-HCF4075B Datasheet
139Kb / 7P
TRIPLE 3 INPUT OR GATE
2001-Sep
M74HC4075 STMICROELECTRONICS-M74HC4075 Datasheet
190Kb / 8P
TRIPLE 3-INPUT OR GATE
Aug-2001
logo
National Semiconductor ...
MM54HC4075 NSC-MM54HC4075 Datasheet
113Kb / 4P
Triple 3-Input OR Gate
logo
Nexperia B.V. All right...
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
219Kb / 12P
Triple 3-input OR gate
74HCT4075-Q100 NEXPERIA-74HCT4075-Q100 Datasheet
218Kb / 12P
Triple 3-input OR gate
Rev. 2 - 4 February 2019
74HCT4075 NEXPERIA-74HCT4075 Datasheet
200Kb / 11P
Triple 3-input OR gate
Rev. 4 - 4 February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com