Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDU1512RH Datasheet (PDF) - MagnaChip Semiconductor.

MDU1512RH Datasheet PDF - MagnaChip Semiconductor.
Part # MDU1512RH
Download  MDU1512RH Download
File Size   729.05 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 30V, 100.0A, 3.4m-

MDU1512RH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDU1512RH Datasheet PDF - MagnaChip Semiconductor.

Part # MDU1512RH
Download  MDU1512RH Click to download

File Size   729.05 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 30V, 100.0A, 3.4m-

MDU1512RH Datasheet (HTML) - MagnaChip Semiconductor.


MDU1512RH Product details

Features
 VDS = 30V
 ID = 100.0A @VGS = 10V
 RDS(ON) (MAX)
< 3.4m @VGS = 10V
< 5.0m @VGS = 4.5V
 100% UIL Tested
 100% Rg Tested

General Description
The MDU1512 uses advanced MagnaChip’s MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance and excellent
quality. MDU1512 is suitable device for DC to DC
converter and general purpose applications.




Similar Part No. - MDU1512RH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU1512RH MGCHIP-MDU1512RH Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V, 100.0A, 3.4m(ohm)
More results


Similar Description - MDU1512RH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDE1932 MGCHIP-MDE1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDP1932 MGCHIP-MDP1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDU1511 MGCHIP-MDU1511 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V, 100.0A, 2.4m(ohm)
MDU1512 MGCHIP-MDU1512 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V, 100.0A, 3.4m(ohm)
MDU1517 MGCHIP-MDU1517 Datasheet
751Kb / 6P
Single N-channel Trench MOSFET 30V, 100.0A, 2.9m(ohm)
MDU1531 MGCHIP-MDU1531 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1532S MGCHIP-MDU1532S Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1538 MGCHIP-MDU1538 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1536 MGCHIP-MDU1536 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDV1545 MGCHIP-MDV1545 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com