Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDU1512RH Datasheet (PDF) - MagnaChip Semiconductor.

MDU1512RH Datasheet PDF - MagnaChip Semiconductor.
Part # MDU1512RH
Download  MDU1512RH Download
File Size   1319.78 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 30V, 100.0A, 3.4m(ohm)

MDU1512RH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDU1512RH Datasheet PDF - MagnaChip Semiconductor.

Part # MDU1512RH
Download  MDU1512RH Click to download

File Size   1319.78 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 30V, 100.0A, 3.4m(ohm)

MDU1512RH Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MDU1512RH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU1512RH MGCHIP-MDU1512RH Datasheet
729Kb / 6P
Single N-channel Trench MOSFET 30V, 100.0A, 3.4m-
May. 2011. Version 1.2
More results


Similar Description - MDU1512RH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDE1932 MGCHIP-MDE1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDP1932 MGCHIP-MDP1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDS1524 MGCHIP-MDS1524 Datasheet
667Kb / 5P
Single N-channel Trench MOSFET 30V, 19.3A, 8.1m(ohm)
MDS1525 MGCHIP-MDS1525 Datasheet
670Kb / 5P
Single N-channel Trench MOSFET 30V, 16.9A, 10.1m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDU1511 MGCHIP-MDU1511 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V, 100.0A, 2.4m(ohm)
MDU1515 MGCHIP-MDU1515 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V, 57.4A, 7.2m(ohm)
MDU1517 MGCHIP-MDU1517 Datasheet
751Kb / 6P
Single N-channel Trench MOSFET 30V, 100.0A, 2.9m(ohm)
MDU1518 MGCHIP-MDU1518 Datasheet
764Kb / 6P
Single N-channel Trench MOSFET 30V, 94.5A, 4.2m(ohm)
MDV1523 MGCHIP-MDV1523 Datasheet
858Kb / 6P
Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com