Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7202 Datasheet (PDF) - Renesas Technology Corp

DA7202 Datasheet PDF - Renesas Technology Corp
Part # DA7202
Download  DA7202 Download
File Size   853.99 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8 W Mono Class-D Amplifier for 2S Battery Devices

DA7202 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA7202 Datasheet PDF - Renesas Technology Corp

Part # DA7202
Download  DA7202 Click to download

File Size   853.99 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8 W Mono Class-D Amplifier for 2S Battery Devices

DA7202 Datasheet (HTML) - Renesas Technology Corp


DA7202 Product details

■ PRMS: 3.6 W into 8 Ω load
at 8.2 V, 1% THD+N
■ Efficiency:
○ 86% at POUT = 3.5 W
at 8.2 V, 8 Ω
○ 75% at POUT = 5.7 W
at 8.2 V, 4 Ω
■ Supports 4 Ω and 8 Ω loads
■ SNR (A-weighted) 104 dB
■ THD+N: 94 dB at 3.0 W, 8.2 V, 8 Ω
■ PSRR: 78 dB




Similar Part No. - DA7202

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7202 DIALOG-DA7202 Datasheet
1Mb / 25P
10 W Mono Class-D Amplifier for 2S Battery Devices
logo
Renesas Technology Corp
DA7202 RENESAS-DA7202 Datasheet
793Kb / 29P
10 W Mono Class-D Amplifier for 2S Battery Devices
23-Dec-2021
logo
Dialog Semiconductor
DA7202-00UH2 DIALOG-DA7202-00UH2 Datasheet
1Mb / 25P
10 W Mono Class-D Amplifier for 2S Battery Devices
logo
Renesas Technology Corp
DA7202-00UH2 RENESAS-DA7202-00UH2 Datasheet
793Kb / 29P
10 W Mono Class-D Amplifier for 2S Battery Devices
23-Dec-2021
More results


Similar Description - DA7202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
25 W mono BTL class-D audio amplifier
29-May-2009
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Dialog Semiconductor
DA7202 DIALOG-DA7202 Datasheet
1Mb / 25P
10 W Mono Class-D Amplifier for 2S Battery Devices
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
Mono 2.9 W Class-D Audio Amplifier
10/12-Revision 0
logo
Renesas Technology Corp
DA7202 RENESAS-DA7202 Datasheet
793Kb / 29P
10 W Mono Class-D Amplifier for 2S Battery Devices
23-Dec-2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com