Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491MV Datasheet (PDF) - STMicroelectronics

TDA7491MV Datasheet PDF - STMicroelectronics
Part # TDA7491MV
Download  TDA7491MV Download
File Size   697.98 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25 W mono BTL class-D audio amplifier

TDA7491MV Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7491MV Datasheet PDF - STMicroelectronics

Part # TDA7491MV
Download  TDA7491MV Click to download

File Size   697.98 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25 W mono BTL class-D audio amplifier

TDA7491MV Datasheet (HTML) - STMicroelectronics


TDA7491MV Product details

Description

The TDA7491MV is a mono BTL class-D audio amplifier with single power supply designed for LCD TVs and monitors.

Thanks to the high efficiency and an exposed-pad-down (EPD) package no heatsink is required. Furthermore, the filterless operation allows a reduction in the external component count. The TDA7491MV is pin to pin compatible with the

TDA7491P, TDA7491LP and TDA7491HV for the left channel.



Features

 20 W continuous output power: RL = 8 , THD = 10% at VCC = 18 V

 25 W continuous output power: RL = 6 , THD = 10% at VCC = 16 V

 Wide range single supply operation (5 V - 18 V)

 High efficiency ( = 90%)

 Four selectable, fixed gain settings of nominally 20 dB, 26 dB, 30 dB and 32 dB

 Differential inputs minimize common-mode noise

 Filterless operation

 No ‘pop’ at turn-on/off

 Standby and mute features

 Short-circuit protection

 Thermal overload protection

 Externally synchronizable




Similar Part No. - TDA7491MV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
560Kb / 28P
25 W mono BTL class-D audio amplifier
21-Mar-2014
TDA7491MV13TR STMICROELECTRONICS-TDA7491MV13TR Datasheet
560Kb / 28P
25 W mono BTL class-D audio amplifier
21-Mar-2014
TDA7491MV STMICROELECTRONICS-TDA7491MV_V01 Datasheet
560Kb / 28P
25 W mono BTL class-D audio amplifier
21-Mar-2014
More results


Similar Description - TDA7491MV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
1 W BTL mono audio amplifier
July 1994
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
STMicroelectronics
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
logo
Synaptics Incorporated.
CX20706 CONEXANT-CX20706 Datasheet
645Kb / 2P
2.5 W BTL mono Class-D speaker amplifier
logo
STMicroelectronics
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
100-watt mono BTL class-D audio amplifier
27-Jan-2011
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
TFA9879 PHILIPS-TFA9879_15 Datasheet
1Mb / 60P
Mono BTL class-D audio amplifier for portable applications
Rev. 02-15 October 2010
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
Mono 2.9 W Class-D Audio Amplifier
10/12-Revision 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com