Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498MV Datasheet (PDF) - STMicroelectronics

TDA7498MV Datasheet PDF - STMicroelectronics
Part # TDA7498MV
Download  TDA7498MV Download
File Size   794.39 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100-watt mono BTL class-D audio amplifier

TDA7498MV Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7498MV Datasheet PDF - STMicroelectronics

Part # TDA7498MV
Download  TDA7498MV Click to download

File Size   794.39 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100-watt mono BTL class-D audio amplifier

TDA7498MV Datasheet (HTML) - STMicroelectronics


TDA7498MV Product details

Description
The TDA7498MV is a mono BTL class-D audio amplifier with single power supply designed for home systems and active speaker applications.
It comes in a 36-pin PowerSSO package with exposed pad up (EPU) to facilitate mounting a separate heatsink.

Features
• 100 W output power at THD = 10% with
   RL = 6 Ω and VCC = 36 V
• 80 W output power at THD = 10% with
   RL = 8 Ω and VCC = 34 V
• Wide-range single-supply operation
   (14 - 39 V)
• High efficiency (η = 90%)
• Four selectable, fixed gain settings of
   nominally 25.6 dB, 31.6 dB, 35.1 dB and
   37.6 dB
• Differential inputs minimize common-mode
   noise
• Standby and mute features
• Short-circuit protection
• Thermal overload protection
• Externally synchronizable




Similar Part No. - TDA7498MV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
840Kb / 26P
100 W mono BTL class-D audio amplifier
09-Sep-2015
TDA7498MV STMICROELECTRONICS-TDA7498MV_V01 Datasheet
840Kb / 26P
100 W mono BTL class-D audio amplifier
09-Sep-2015
More results


Similar Description - TDA7498MV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
25 W mono BTL class-D audio amplifier
29-May-2009
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
50 W mono BTL class-D audio amplifier
20-Oct-2009
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
3-watt 3-watt dual BTL class-D audio amplifier
29-Nov-2010
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
100-watt 100-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7498E STMICROELECTRONICS-TDA7498E Datasheet
1Mb / 20P
160-watt 160-watt dual BTL class-D audio amplifier
12-Dec-2011
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
80 watt 80 watt dual BTL class-D audio amplifier
12-Sep-2011
TDA749313TR STMICROELECTRONICS-TDA749313TR Datasheet
897Kb / 30P
3-watt 3-watt dual BTL class-D audio amplifier
29-Nov-2010
logo
NXP Semiconductors
TFA9879 PHILIPS-TFA9879_15 Datasheet
1Mb / 60P
Mono BTL class-D audio amplifier for portable applications
Rev. 02-15 October 2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com