Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498E Datasheet (PDF) - STMicroelectronics

TDA7498E Datasheet PDF - STMicroelectronics
Part # TDA7498E
Download  TDA7498E Download
File Size   1218.19 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 160-watt 160-watt dual BTL class-D audio amplifier

TDA7498E Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7498E Datasheet PDF - STMicroelectronics

Part # TDA7498E
Download  TDA7498E Click to download

File Size   1218.19 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 160-watt 160-watt dual BTL class-D audio amplifier

TDA7498E Datasheet (HTML) - STMicroelectronics


TDA7498E Product details

Description

The TDA7498E is a dual BTL class-D audio amplifier with a single power supply designed for

home systems and active speaker applications. It comes in a 36-pin PowerSSO package with

exposed pad up (EPU) tofacilitate mounting a separate heatsink.



Features

• 160-W + 160-W output power at THD = 10% with RL = 4 Ωand VCC = 36 V

•  1 x 220 W output power mono parallel BTL at THD = 10% with RL = 3 Ωand VCC = 36 V

•  Wide-range single-supply operation (14 - 36 V)

•  High efficiency (η= 85%)

•  Parallel BTL function using the MODE pin

•  Four selectable, fixed gain settings of nominally 23.8 dB, 29.8 dB, 33.3 dB and 35.8 dB

•  Differential inputs minimize common-mode noise

•  Standby and mute features

•  Smart protection

•  Thermal overload protection

•  Small offset less than 20 mV




Similar Part No. - TDA7498E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7498E STMICROELECTRONICS-TDA7498E Datasheet
1Mb / 17P
160-watt 160-watt dual BTL class-D audio amplifier
25-Jun-2020
TDA7498ETR STMICROELECTRONICS-TDA7498ETR Datasheet
1Mb / 17P
160-watt 160-watt dual BTL class-D audio amplifier
25-Jun-2020
TDA7498E STMICROELECTRONICS-TDA7498E_V01 Datasheet
1Mb / 17P
160-watt 160-watt dual BTL class-D audio amplifier
25-Jun-2020
More results


Similar Description - TDA7498E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
2 x 10-watt dual BTL class-D audio amplifier
18-Jan-2012
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
3-watt 3-watt dual BTL class-D audio amplifier
29-Nov-2010
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
100-watt 100-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
80 watt 80 watt dual BTL class-D audio amplifier
12-Sep-2011
CCA044V1 STMICROELECTRONICS-CCA044V1 Datasheet
85Kb / 5P
160 W 160 W dual BTL class-D audio amplifier demonstration board based on the TDA7498E
31-Jan-2013
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
100-watt mono BTL class-D audio amplifier
27-Jan-2011
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
80 watt 80 watt dual BTL class-D audio amplifier
12-Sep-2011
TDA749313TR STMICROELECTRONICS-TDA749313TR Datasheet
897Kb / 30P
3-watt 3-watt dual BTL class-D audio amplifier
29-Nov-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com