Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5363 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5363 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5363
Download  SC5363 Download
File Size   557.41 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SC5363 DATA SHEET SMP Male Smooth Bore CM PCB Connector Surface Mount Solder Attachment

SC5363 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5363 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5363
Download  SC5363 Click to download

File Size   557.41 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SC5363 DATA SHEET SMP Male Smooth Bore CM PCB Connector Surface Mount Solder Attachment

SC5363 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5363 Product details

Features
• Operating Frequency
• of 18 GHz Max.
• Excellent VSWR of 1.15:1
• Blind Mate Connector
• Gold Plated Beryllium
• Copper Contact
• Contact plating according
• to MIL-G-45204
• Applications:
• General Purpose Test
• PCB Applications




Similar Part No. - SC5363

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5361 FAIRVIEW-SC5361 Datasheet
277Kb / 3P
SMP Male (Plug) Smooth Bore CM PCB Connector Thru Hole, Solder
REV B
More results


Similar Description - SC5363

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44489 PASTERNACK-PE44489 Datasheet
253Kb / 3P
Mini SMP Male Connector Solder Attachment Surface Mount PCB
PE44481 PASTERNACK-PE44481 Datasheet
351Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44879 PASTERNACK-PE44879 Datasheet
380Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44910 PASTERNACK-PE44910 Datasheet
375Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44930 PASTERNACK-PE44930 Datasheet
369Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .130 inch Pin Length
PE44944 PASTERNACK-PE44944 Datasheet
367Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Catchers Mitt Design with 2 Ground Posts
PE44947 PASTERNACK-PE44947 Datasheet
366Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Pre-Tinned Contacts
PE44961 PASTERNACK-PE44961 Datasheet
380Kb / 3P
SMP Male Bulkhead Mount Smooth Bore Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE44966 PASTERNACK-PE44966 Datasheet
373Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com