Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5361 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5361 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5361
Download  SC5361 Download
File Size   277.94 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMP Male (Plug) Smooth Bore CM PCB Connector Thru Hole, Solder

SC5361 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5361 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5361
Download  SC5361 Click to download

File Size   277.94 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMP Male (Plug) Smooth Bore CM PCB Connector Thru Hole, Solder

SC5361 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5361 Product details

Features
• Operating Frequency of 18 GHz Max.
• Excellent VSWR of 1.25:1
• Blind Mate Connector
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Applications
• General Purpose Test
• PCB Applications
• Description
• SMP Male Smooth Bore CM Connector Solder Attachment for Thru hole Cable,, part number SC5361, from Fairview Microwave is in-stock
• and ships same day. This SMP male connector operates up to a maximum frequency of 18 GHz and offers excellent VSWR of 1.25:1. This
• blind mate connector is ideal for applications without direct visual or tactile access to the connection point, for example, when two circuit
• boards need to be mated.
• Fairview's SMP male connector SC5361 datasheet specifications and outline drawing are shown in this PDF below. Our extensive offering of
• RF, microwave and millimeter wave connectors allows designers to configure and customize their signal connections however they like. From
• providing an I/O for a board design to creating a custom cable assembly configuration, Fairview Microwave has a connector solution to meet
• your needs. Fairview Microwave also has the expertise to build your custom cable assemblies for you and ship them same-day.




Similar Part No. - SC5361

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5363 FAIRVIEW-SC5363 Datasheet
557Kb / 4P
SC5363 DATA SHEET SMP Male Smooth Bore CM PCB Connector Surface Mount Solder Attachment
REV 2.4
More results


Similar Description - SC5361

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44910 PASTERNACK-PE44910 Datasheet
375Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44966 PASTERNACK-PE44966 Datasheet
373Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44967 PASTERNACK-PE44967 Datasheet
379Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.170 Pin Length
logo
Molex Electronics Ltd.
0734157010 MOLEX11-0734157010 Datasheet
33Kb / 1P
50 Ohms, SMP Male Full Smooth Bore Vertical PCB thru SMP-P/PCB
logo
Rosenberger Hochfrequen...
19S141-40ML5-NM ROSENBERGER-19S141-40ML5-NM Datasheet
182Kb / 2P
SMP STRAIGHT PLUG PCB SMOOTH BORE
19S241-40ML5 ROSENBERGER-19S241-40ML5 Datasheet
319Kb / 2P
SMP RIGHT ANGLE PLUG PCB SMOOTH BORE
19S641-271L5-NM ROSENBERGER-19S641-271L5-NM Datasheet
179Kb / 2P
SMP BULKHEAD PLUG SMOOTH BORE
logo
Molex Electronics Ltd.
SD-73415-332 MOLEX-SD-73415-332 Datasheet
322Kb / 6P
SMP PLUG, STRAIGHT PCB SMOOTH BORE SMP-P/PCB EWR-1349
2010/11/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com