Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5370 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5370 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5370
Download  SC5370 Download
File Size   540.64 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMP Male (Plug) Full Detent PCB Connector End Launch, Solder, Gold Plated Brass Body, Length 0.25 In

SC5370 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5370 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5370
Download  SC5370 Click to download

File Size   540.64 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMP Male (Plug) Full Detent PCB Connector End Launch, Solder, Gold Plated Brass Body, Length 0.25 In

SC5370 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5370 Product details

Features
• Operating Frequency
• of 18 GHz Max.
• Good VSWR of 1.3:1
• Blind Mate Connector
• Gold Plated Brass Contact
• 30 µ minimum contact plating
• Applications:
• General Purpose Test
• PCB Applications




Similar Part No. - SC5370

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5371 FAIRVIEW-SC5371 Datasheet
450Kb / 4P
SC5371 DATA SHEET SMP Male Limited Detent PCB Connector End Launch Solder Attachment
REV 2.0
More results


Similar Description - SC5370

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44482 PASTERNACK-PE44482 Datasheet
260Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
Mini SMP Male Connector Solder Attachment End Launch PCB
PE44969 PASTERNACK-PE44969 Datasheet
380Kb / 3P
Mini SMP Male Precision Full Detent Connector Solder Attachment Edge Launch PCB
PE44880 PASTERNACK-PE44880 Datasheet
255Kb / 3P
SMP Male Full Detent Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
PE44955 PASTERNACK-PE44955 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment Edge Launch PCB
PE44957 PASTERNACK-PE44957 Datasheet
377Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB .140 inch Pin Length
logo
Molex Electronics Ltd.
0734066251 MOLEX-0734066251 Datasheet
50Kb / 1P
50 Ohms, SMP Plug, Full Detent, Straight with 2 Hole Flange Mount, Candlestick, Brass Body, Gold Plated
logo
Bel Fuse Inc.
123-0701-801 BEL-123-0701-801 Datasheet
133Kb / 1P
SMP3 PLUG FULL DETENT SMT END LAUNCH
Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com