Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5371 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5371 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5371
Download  SC5371 Download
File Size   450.46 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SC5371 DATA SHEET SMP Male Limited Detent PCB Connector End Launch Solder Attachment

SC5371 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5371 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5371
Download  SC5371 Click to download

File Size   450.46 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SC5371 DATA SHEET SMP Male Limited Detent PCB Connector End Launch Solder Attachment

SC5371 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5371 Product details

Features
• Operating Frequency
• of 40 GHz Max.
• Excellent VSWR of 1.25:1
• Blind Mate Connector
• Gold Plated Beryllium
• Copper Contact
• Contact plating according
• to MIL-G-45204
• Applications:
• General Purpose Test
• PCB Applications




Similar Part No. - SC5371

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5370 FAIRVIEW-SC5370 Datasheet
540Kb / 3P
SMP Male (Plug) Full Detent PCB Connector End Launch, Solder, Gold Plated Brass Body, Length 0.25 In
REV 1.1A
More results


Similar Description - SC5371

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44482 PASTERNACK-PE44482 Datasheet
260Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
Mini SMP Male Connector Solder Attachment End Launch PCB
PE44777 PASTERNACK-PE44777 Datasheet
249Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44969 PASTERNACK-PE44969 Datasheet
380Kb / 3P
Mini SMP Male Precision Full Detent Connector Solder Attachment Edge Launch PCB
PE44481 PASTERNACK-PE44481 Datasheet
351Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB
PE44880 PASTERNACK-PE44880 Datasheet
255Kb / 3P
SMP Male Full Detent Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
PE44955 PASTERNACK-PE44955 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment Edge Launch PCB
PE44959 PASTERNACK-PE44959 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com