Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SCN833062R2012 Datasheet (PDF) - ABB

1SCN833062R2012 Datasheet PDF - ABB
Part # 1SCN833062R2012
Download  1SCN833062R2012 Download
File Size   1025.78 Kbytes
Page   20 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Switchgear Enclosed switch disconnectors, switch fuses and transfer switches

1SCN833062R2012 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SCN833062R2012 Datasheet PDF - ABB

Part # 1SCN833062R2012
Download  1SCN833062R2012 Click to download

File Size   1025.78 Kbytes
Page   20 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Switchgear Enclosed switch disconnectors, switch fuses and transfer switches

1SCN833062R2012 Datasheet (HTML) - ABB


1SCN833062R2012 Product details

Functionality & features
As industrial processes and IT applications
diversify, a secure power supply is becoming
an increasingly important asset in the drive
to cut production and maintenance costs.
In emergency situations, the system logic
of power distribution can become complex
with mechanical devices looking after the
making, breaking, conducting and isolating
of power. Loads may sometimes need to
be transferred from one supply to another
— this will be the case when energy use
is restricted or when the supply source is
overloaded.

Application
The automatic transfer switch is managing different power supplies
to one or more load circuits and guarantees the continuity of
performance. The automatic transfer switch ensures the switching
and isolation between the primary network supply and the alternate
network supply or a standby generator. Type of operation is open
transition, i.e. break-before-make.
The automatic transfer switches can be operated in three ways,
local manual operation with handle, local manual operation with
the automatic control unit or full automatic operation done by
the automatic control unit. Manual operation, using a handle is
the simplest type of operation. Local manual operation with the
control unit enables to operate the switch electrically. Full automatic
operation ensures that loads are transferred automatically to the
secondary source in case of mains failure. Both local operation with
the control unit and full automatic operation enables a short switch-off
time between the normal and the alternative supply.
Automatic transfer switches shall be used for switching I, 0 and II
positions following types of loads:
• Off load application (AC 20A)
• Resistive loads (AC 21 or AC31)
• Mixed resistive and inductive loads (AC 22)
• Motor loads




Similar Part No. - 1SCN833062R2012

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
1SC0450E2A0-45 POWERINT-1SC0450E2A0-45 Datasheet
267Kb / 9P
Single-Channel Cost-Effective SCALE™-2 IGBT Driver
2015-06-09
1SC0450E2A0-65 POWERINT-1SC0450E2A0-65 Datasheet
267Kb / 9P
Single-Channel Cost-Effective SCALE™-2 IGBT Driver
2015-06-09
1SC0450E2A0-XX POWERINT-1SC0450E2A0-XX Datasheet
267Kb / 9P
Single-Channel Cost-Effective SCALE™-2 IGBT Driver
2015-06-09
1SC0450E2B0-XX POWERINT-1SC0450E2B0-XX Datasheet
270Kb / 6P
42423423Single-Channel Cost-Effective SCALE™-2 IGBT Driver Core
2017-06-13
1SC0450V2A0-45 POWERINT-1SC0450V2A0-45 Datasheet
170Kb / 9P
Single-Channel Cost-Effective SCALE™-2 IGBT Driver Core
1.0 from 2016-05-20
More results


Similar Description - 1SCN833062R2012

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
GaAs Transfer Switch, GaAs Transfer Switch,
logo
Honeywell Solid State E...
BZE6-2RN HONEYWELL-BZE6-2RN Datasheet
39Kb / 1P
SWITCH - ENCLOSED
8LS1 HONEYWELL-8LS1 Datasheet
60Kb / 1P
SWITCH-ENCLOSED
logo
List of Unclassifed Man...
OT40F3 ETC2-OT40F3 Datasheet
4Mb / 72P
Switch-disconnectors
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
Transfer Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
Transfer Switch
logo
Omron Electronics LLC
SHL-Q2255 OMRON-SHL-Q2255 Datasheet
1Mb / 8P
Enclosed Switch
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com