Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S100 Datasheet (PDF) - Analog Devices

AD2S100 Datasheet PDF - Analog Devices
Part # AD2S100
Download  AD2S100 Download
File Size   1014.87 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC Vector Processor

AD2S100 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2S100 Datasheet PDF - Analog Devices

Part # AD2S100
Download  AD2S100 Click to download

File Size   1014.87 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC Vector Processor

AD2S100 Datasheet (HTML) - Analog Devices


AD2S100 Product details

FEATURES
Complete Vector Coordinate Transformation on Silicon
Mixed Signal Data Acquisition
Three-Phase 1208 and Orthogonal 908 Signal
Transformation
Three-Phase Balance Diagnostic–Homopolar Output
APPLICATIONS
AC Induction and DC Permanent
Magnet Motor Control
HVAC, Pump, Fan Control
Material Handling
Robotics
Spindle Drives
Gyroscopes
Dryers
Washing Machines
Electric Cars
Actuator
Three-Phase Power Measurement
Digital-to-Resolver & Synchro Conversion

GENERAL DESCRIPTION
The AD2S100 performs the vector rotation of three-phase 120
degree or two-phase 90 degree sine and cosine signals by transferring
these inputs into a new reference frame which is controlled
by the digital input angle f. Two transforms are included in the
AD2S100. The first is the Clarke transform which computes
the sine and cosine orthogonal components of a three-phase
input. These signals represent real and imaginary components
which then form the input to the Park transform. The Park
transform relates the angle of the input signals to a reference
frame controlled by the digital input port. The digital input
port is a 12-bit parallel binary representation.
If the input signals are represented by Vds and Vqs, respectively,
where Vds and Vqs are the real and imaginary components, then
the transformation can be described as follows:
Vds' = Vds Cosf – Vqs Sinf
Vqs' = Vds Sinf + Vqs Cosf
Where Vds' and Vqs' are the output of the Park transform
and Sinf, and Cosf are the values internally derived by the
AD2S100 from the binary digital data.
The input section of the device can be configured to accept
either three-phase inputs, two-phase inputs of a three-phase
system, or two 90 degree input signals. The homopolar output
detects the imbalance of a three-phase input only. Under normal
conditions, this output will be zero.
The digital input section will accept a resolution of up to 12 bits
(AD2S100). An input data strobe signal is required to synchronize
the position data and load this information into the device
counters. A busy output is provided to identify the conversion
status of the AD2S100. The busy period represents the conversion
time of the vector rotation.
Two analog output formats are available. A two-phase rotated
output facilitates multiple rotation blocks. Three phase format
signals are available for use with a PWM inverter.
PRODUCT HIGHLIGHTS
Hardware Peripheral for Standard Microcontrollers and
DSP Systems
The AD2S100 removes the time consuming cartesian transformations
from digital processors and benchmarks a speed improvement
of 30:1 on standard 20 MHz processors. AD2S100
transformation time = 2 ms (typ).
Field Oriented Control of AC and DC Brushless Motors
The AD2S100 accommodates all the necessary functions to
provide a hardware solution for ac vector control of induction
motors and dc brushless motors.
Three-Phase Imbalance Detection
The AD2S100 can be used to sense overcurrent situations or
imbalances in a three-phase system via the homopolar output.
Resolver-to-Digital Converter Interface
The AD2S100 provides general purpose interface for position
sensors used in the application of dc brushless and ac induction
motor control.




Similar Part No. - AD2S100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S100 AD-AD2S100_15 Datasheet
1,015Kb / 12P
AC Vector Processor
REV. A
More results


Similar Description - AD2S100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9178 PHILIPS-TDA9178 Datasheet
227Kb / 36P
YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
1999 Sep 24
logo
Agilent(Hewlett-Packard...
HPMX-2007 HP-HPMX-2007 Datasheet
105Kb / 8P
Vector Modulator/Mixer
logo
Merrimac Industries, In...
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
VECTOR MODULATOR
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
VECTOR MODULATOR
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
Vector Floating Point co-processor Hardware MPEG video encoder
logo
Analog Devices
AD2S100 AD-AD2S100_15 Datasheet
1,015Kb / 12P
AC Vector Processor
REV. A
logo
Keysight Technologies
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
logo
Mini-Circuits
EVNA-63+ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com