Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPMX-2007 Datasheet (PDF) - Agilent(Hewlett-Packard)

HPMX-2007 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HPMX-2007
Download  HPMX-2007 Download
File Size   105.64 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Vector Modulator/Mixer

HPMX-2007 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPMX-2007 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HPMX-2007
Download  HPMX-2007 Click to download

File Size   105.64 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Vector Modulator/Mixer

HPMX-2007 Datasheet (HTML) - Agilent(Hewlett-Packard)


HPMX-2007 Product details

General Description
The HPMX-2007 vector modulator/mixer IC is designed to meet the needs of cellular and PCS telephone applications.

Features
• 5 MHz to 4 GHz Overall Operating Frequency Range
• 40-400 MHz LOmod range
• 2.7 - 5.5 V Operation (3 V, 25 mA)
• Differential High Impedance i, q Inputs
• On-Chip Linear RC Phase Shifter
• -23 dBm Modulator S.E. Output Power into 50 Ω at 150 MHz
• -15 dBm Linear (-11 dBm Saturated) Mixer Output Power into 50 Ω at 1900 MHz
• Mixer Can Be Used for Up/Down Conversion or Disabled (3 V, 10 mA)
• Standby Mode (<1 µA)
• JEDEC Standard SSOP-16 Surface Mount Package

Applications
• NADC, PDC, GSM Handsets and Base Stations
• PCS Handsets and Base Stations
• DLMR Handsets
• CDPD Radios
• ISM Band Wireless Links




Similar Part No. - HPMX-2007

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-2003 HP-HPMX-2003 Datasheet
309Kb / 16P
Silicon Bipolar RFIC 900 MHz Vector Modulator
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Agilent(Hewlett-Packard...
HPMX-2006 HP-HPMX-2006 Datasheet
91Kb / 8P
0.8 - 2.5 GHz Upconverter/Amplifier
HPMX-2006-BLK HP-HPMX-2006-BLK Datasheet
91Kb / 8P
0.8 - 2.5 GHz Upconverter/Amplifier
More results


Similar Description - HPMX-2007

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
logo
Infineon Technologies A...
PMB2208 INFINEON-PMB2208 Datasheet
766Kb / 27P
Mixer and IF Vector Modulator
V1.2 August 1999
logo
Siemens Semiconductor G...
PMB2201 SIEMENS-PMB2201 Datasheet
339Kb / 31P
Mixer DC - 2.5GHz and Vector Modulator 0.8 - 1.5GHz
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
Vector Modulator, 925 to 960 MHz
logo
Merrimac Industries, In...
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
VECTOR MODULATOR
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
VECTOR MODULATOR
VMM-2D-2.5B MERRIMAC-VMM-2D-2.5B Datasheet
702Kb / 1P
VECTOR I&Q MODULATOR
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
Vector Modulator, 1.94 to 2.24 GHz
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com