Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMB2201 Datasheet (PDF) - Siemens Semiconductor Group

PMB2201 Datasheet PDF - Siemens Semiconductor Group
Part # PMB2201
Download  PMB2201 Download
File Size   339.16 Kbytes
Page   31 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Mixer DC - 2.5GHz and Vector Modulator 0.8 - 1.5GHz

PMB2201 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMB2201 Datasheet PDF - Siemens Semiconductor Group

Part # PMB2201
Download  PMB2201 Click to download

File Size   339.16 Kbytes
Page   31 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Mixer DC - 2.5GHz and Vector Modulator 0.8 - 1.5GHz

PMB2201 Datasheet (HTML) - Siemens Semiconductor Group


PMB2201 Product details

Functional Description
The PMB2201 is a modulator and mixer circuit with high integration level. It includes a direct quadrature modulator and a double balanced Gilbert cell mixer with according bias circuitry.

Features
• Direct quadrature modulator with separate additional double balanced active mixer
• Direct quadrature modulation
• LO frequency range from 800 MHz to 1.5 GHz
• Generation of orthogonal carriers without external elements and without trimming
• typ. 40 dB carrier rejection, typ. 44 dB SSB rejection
• typ. 43 dB rejection of third order products at 1 Vpp A/B drive level at fLO = 1.5 GHz
• 3 dBm output power with appropriate output power matching network and at 1Vpp A/B baseband drive level
• Double balanced Gilbert cell mixer
• RF and IF frequency range from DC to 2.5 GHz
• typ. 39 dB carrier rejection
• low noise
• Supply voltage range from 2.7 V to 4.5 V
• Power down mode
• P-TSSOP-24 package
• Temperature range -30° to 85°C

Applications:
• Vector modulated digital mobile cellular systems as GSM, PDC-800, PDC-1.5, DAMPS etc.
• Various modulation schemes, such as PM, PSK, FSK, QAM, QPSK, GMSK etc.
• Analog systems with FM and AM modulation
• Space and power saving optimizations of existing discrete transmitter circuits




Similar Part No. - PMB2201

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PMB2200 SIEMENS-PMB2200 Datasheet
79Kb / 3P
integrated modulator-mixer for transmit path
logo
Infineon Technologies A...
PMB2208 INFINEON-PMB2208 Datasheet
766Kb / 27P
Mixer and IF Vector Modulator
V1.2 August 1999
More results


Similar Description - PMB2201

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
logo
Agilent(Hewlett-Packard...
HPMX-2007 HP-HPMX-2007 Datasheet
105Kb / 8P
Vector Modulator/Mixer
logo
Infineon Technologies A...
PMB2208 INFINEON-PMB2208 Datasheet
766Kb / 27P
Mixer and IF Vector Modulator
V1.2 August 1999
logo
Linear Technology
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
logo
Merrimac Industries, In...
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
VECTOR MODULATOR
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
VECTOR MODULATOR
VMM-2D-2.5B MERRIMAC-VMM-2D-2.5B Datasheet
702Kb / 1P
VECTOR I&Q MODULATOR
logo
Linear Technology
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
logo
RF Micro Devices
RF2422 RFMD-RF2422_12 Datasheet
150Kb / 9P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com