Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPMX-2003 Datasheet (PDF) - Agilent(Hewlett-Packard)

HPMX-2003 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HPMX-2003
Download  HPMX-2003 Download
File Size   309.79 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar RFIC 900 MHz Vector Modulator

HPMX-2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPMX-2003 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HPMX-2003
Download  HPMX-2003 Click to download

File Size   309.79 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar RFIC 900 MHz Vector Modulator

HPMX-2003 Datasheet (HTML) - Agilent(Hewlett-Packard)


HPMX-2003 Product details

Description
Hewlett Packard’s HPMX-2003 is a Silicon RFIC direct conversion vector modulator designed for use at output frequencies between 800␣ MHz and 1 GHz. Housed in a SO-16 surface mount plastic package, the IC contains two matched Gilbert cell mixers, an RC phase shifter, a summer, and an output amplifier complete with 50 Ω impedance match and DC block.

Features
• 800–1000 MHz Output Frequency Range
• +6 dBm Peak Pout
• Unbalanced 50 Ω Output
• Internal 90° Phase Shifter
• 5 Volt, 36 mA Bias
• SO-16 Surface Mount Package

Applications
• Direct Modulator for 900 MHz Cellular Telephone Handsets, Including GSM, JDC, and NADC
• Direct Modulator for 900␣ MHz ISM Band Spread Spectrum Transmitters and LANs




Similar Part No. - HPMX-2003

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Agilent(Hewlett-Packard...
HPMX-2006 HP-HPMX-2006 Datasheet
91Kb / 8P
0.8 - 2.5 GHz Upconverter/Amplifier
HPMX-2006-BLK HP-HPMX-2006-BLK Datasheet
91Kb / 8P
0.8 - 2.5 GHz Upconverter/Amplifier
HPMX-2006-TR1 HP-HPMX-2006-TR1 Datasheet
91Kb / 8P
0.8 - 2.5 GHz Upconverter/Amplifier
More results


Similar Description - HPMX-2003

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
HPMX-3002 HP-HPMX-3002 Datasheet
93Kb / 8P
Silicon Bipolar RFIC 900 MHz Driver Amplifier
logo
California Eastern Labs
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
900 MHz SILICON RFIC DOWN CONVERTER
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
Vector Modulator, 925 to 960 MHz
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Merrimac Industries, In...
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
VECTOR MODULATOR
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
VECTOR MODULATOR
logo
M/A-COM Technology Solu...
MAIA-007099-000100 MA-COM-MAIA-007099-000100 Datasheet
143Kb / 5P
Vector Modulator, 925 to 960 MHz
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com