Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPMX-3002 Datasheet (PDF) - Agilent(Hewlett-Packard)

HPMX-3002 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HPMX-3002
Download  HPMX-3002 Download
File Size   93.28 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar RFIC 900 MHz Driver Amplifier

HPMX-3002 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPMX-3002 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HPMX-3002
Download  HPMX-3002 Click to download

File Size   93.28 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar RFIC 900 MHz Driver Amplifier

HPMX-3002 Datasheet (HTML) - Agilent(Hewlett-Packard)


HPMX-3002 Product details

Description
Hewlett-Packard’s HPMX-3002 is a silicon microwave monolithic integrated circuit driver amplifier housed in a S0-8 surface mount plastic package. It operates over the 150 - 960 MHz frequency range, and at 900 MHz it produces +23 dBm of saturated output power, has 30 dB of small signal gain and a 50 dB power control range. The amplifier has a wellmatched input, and an open collector output which provides good linearity and efficiency and is easy to externally match to 50 Ω for optimal power output.

Features
• RFIC Medium Power Amplifier
• 150-960 MHz Operating Range
• +22 dBm Typ. PldB, +23 dBm Typ. Psat @ 900 MHz
• 50 dB Typ. Power Control Range
• 6 V, 160 mA Operation
• S0-8 Surface Mount Package with Improved Heatsinking

Applications
• Driver Amplifier for GSM Cellular Handsets
• Driver or Output Stage for 900 MHz ISM Band Transmitters
• Driver or Output Stage for Transmitters Operating in the 150-960 MHz Range




Similar Part No. - HPMX-3002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-3003 HP-HPMX-3003 Datasheet
89Kb / 8P
1.5 - 2.5 GHz LNA Switch PA
HPMX-3003-BLK HP-HPMX-3003-BLK Datasheet
89Kb / 8P
1.5 - 2.5 GHz LNA Switch PA
HPMX-3003-TR1 HP-HPMX-3003-TR1 Datasheet
89Kb / 8P
1.5 - 2.5 GHz LNA Switch PA
More results


Similar Description - HPMX-3002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
Agilent(Hewlett-Packard...
HPMX-2003 HP-HPMX-2003 Datasheet
309Kb / 16P
Silicon Bipolar RFIC 900 MHz Vector Modulator
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
MSA-20XX HP-MSA-20XX Datasheet
127Kb / 8P
Silicon Bipolar RFIC Amplifiers
MSA-31XX HP-MSA-31XX Datasheet
104Kb / 7P
Silicon Bipolar RFIC Amplifiers
logo
Synaptics Incorporated.
RF106 CONEXANT-RF106 Datasheet
64Kb / 6P
RF106 900 MHz Power Amplifier
logo
California Eastern Labs
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
900 MHz SILICON RFIC DOWN CONVERTER
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
AVAGO TECHNOLOGIES LIMI...
MSA-2011 AVAGO-MSA-2011 Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
logo
Texas Instruments
TRF8011 TI1-TRF8011_09 Datasheet
154Kb / 8P
900-MHz RF TRANSMIT DRIVER
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com