Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPMX-3002 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HPMX-3002
Description  Silicon Bipolar RFIC 900 MHz Driver Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-3002 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HPMX-3002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6-82
HPMX-3002 Typical Scattering Parameters, TC = 37°C, ZO = 50 Ω
Vcontrol = 2.2 V
VCC1 = 4.5 V, VCC2= 6 V
Freq
S11
S21
S12
S22
k
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.10
0.26
122
46.64
214.70
160
-60.00
0.001
111
0.58
-30
1.70
0.20
0.18
67
43.80
154.92
99
-60.00
0.001
133
0.49
-33
2.53
0.30
0.15
30
41.76
122.46
65
-53.98
0.002
139
0.52
-40
1.64
0.40
0.12
-1
40.36
104.17
38
-50.46
0.003
149
0.59
-52
1.22
0.50
0.08
-30
39.64
95.89
6
-44.44
0.006
148
0.66
-68
0.79
0.60
0.02
-112
39.17
90.91
-29
-41.94
0.008
142
0.71
-89
0.70
0.70
0.13
92
38.03
79.70
-71
-40.00
0.010
137
0.65
-114
0.75
0.80
0.19
51
35.15
57.23
-109
-37.72
0.013
135
0.50
-131
0.88
0.90
0.23
34
32.04
39.99
-142
-35.92
0.016
134
0.34
-143
0.99
1.00
0.24
11
28.44
26.42
-168
-34.43
0.019
132
0.29
-139
1.11
1.10
0.24
4
25.49
18.82
166
-32.77
0.023
129
0.34
-137
1.15
Package Dimensions
S0-8 Package
PIN:
0.20 (0.008)
0.10 (0.004)
0.45 (0.018)
0.35 (0.014)
1.27
(0.050)
TYP
5.20 (0.205)
4.60 (0.181)
0.254 (0.010)
0.15 (0.007)
0 DEG MIN
8 DEG MAX
1.75 (0.069)
1.35 (0.053)
4.00 (0.158)
3.80 (0.150)
6.20 (0.244)
5.80 (0.228)
5.00 (0.197)
4.80 (0.188)
NOTE: DIMENSIONS ARE IN MILLIMETERS (INCHES).
0.77 (0.030)
0.64 (0.025)
1234
8765
Part Number Ordering Information
Part Number
Option
No. of Devices
Container
HPMX-3002
-
100
Tube
HPMX-3002
#T10
1000
Reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com