Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPMX-3002 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HPMX-3002
Description  Silicon Bipolar RFIC 900 MHz Driver Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-3002 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HPMX-3002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6-81
HPMX-3002 Typical Scattering Parameters, TC = 37°C, ZO = 50 Ω
Vcontrol = 1.6 V
VCC1 = 4.5 V, VCC2 = 6 V
Freq
S11
S21
S12
S22
k
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.10
0.33
151
42.89
139.44
-138
-60.00
0.001
143
0.91
-25
0.77
0.20
0.34
92
44.16
161.44
143
-53.98
0.002
152
0.75
-53
0.82
0.30
0.31
51
42.95
140.50
98
-53.98
0.002
146
0.65
-67
1.10
0.40
0.31
18
42.06
126.79
63
-47.96
0.004
148
0.65
-76
0.77
0.50
0.29
-14
41.91
124.61
29
-44.44
0.006
141
0.73
-89
0.65
0.60
0.23
-52
42.12
127.67
-10
-40.92
0.009
143
0.85
-107
0.62
0.70
0.09
-117
41.62
120.47
-60
-38.42
0.012
138
0.88
-136
0.73
0.80
0.06
66
38.19
81.23
-106
-37.08
0.014
135
0.65
-162
0.84
0.90
0.16
42
34.23
51.44
-144
-35.92
0.016
131
0.41
-179
0.94
1.00
0.19
11
29.87
31.15
-169
-33.98
0.020
130
0.31
-170
1.04
1.10
0.21
6
26.42
20.93
-165
-32.40
0.024
127
0.25
-164
1.14
HPMX-3002 Typical Scattering Parameters, TC = 37°C, ZO = 50 Ω
Vcontrol = 2.0 V
VCC1 = 4.5 V, VCC2 = 6 V
Freq
S11
S21
S12
S22
k
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.10
0.33
143
45.90
197.18
-158
-60.00
0.001
153
0.85
-31
0.85
0.20
0.31
83
45.15
180.94
128
-60.00
0.001
99
0.63
-56
1.78
0.30
0.28
43
43.46
148.88
88
-53.98
0.002
142
0.56
-65
1.26
0.40
0.27
11
42.43
132.22
55
47.96
0.004
138
0.60
-74
0.87
0.50
0.25
-21
42.15
128.14
22
-44.44
0.006
147
0.70
-88
0.67
0.60
0.19
-63
42.13
127.82
-17
-41.94
0.008
143
0.80
-108
0.61
0.70
0.05
-144
41.26
115.62
-64
-39.17
0.011
135
0.81
-138
0.73
0.80
0.09
61
37.86
78.15
-107
-37.72
0.013
135
0.59
-161
0.86
0.90
0.17
38
34.07
50.54
-144
-35.92
0.016
131
0.39
-178
0.95
1.00
0.19
12
29.89
31.23
-168
-33.98
0.020
132
0.30
-169
1.04
1.10
0.21
6
26.54
21.22
166
-32.40
0.024
127
0.24
-164
1.14



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com