Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPMX-3002 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HPMX-3002
Description  Silicon Bipolar RFIC 900 MHz Driver Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-3002 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HPMX-3002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
6-77
HPMX-3002 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
Pdiss
Power Dissipation[2,3]
mW
1400
Pin
Input Power
dBm
+5
VCC[1]
Supply Voltage
V
8
VCC[2]
Supply Voltage, 3rd Stage
V
12
Vcont
Control Voltage
V
5
Tj
Junction Temperature
°C
150
TSTG
Storage Temperatuere
°C
-65 to 150
Thermal Resistance[2]:
Θ
jc = 66°C/W
Notes:
1. Operation of this device above any one
of these parameters may cause permanent
damage.
2. Tc = 25 °C (Tc is defined to be the
temperature at the ends of pin 7 where it
contacts the circuit board).
3. Derate at 15.2 mW/
°C for T
C > 58°C.
HPMX-3002 Guaranteed Electrical Parameters, T
C = 37°C, ZO = 50 Ω
VCC1 = 4.5 V, VCC2 = 6 V, PIN = - 6 dBm @ 900 MHz, output matched for maximum power
ICC1 = 65 mA nom., ICC2 = 95 mA nom. set by Vcont (pin 5) = 2.2 V (unless otherwise noted).
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
Pout
Output Power
PIN = -6 dBm, f = 900 MHz
dBm
22
23
PCR
Power Control Range
f = 900 MHz,
dBm
40
50
Vcont = 0 to 2.2 V
ICC 1
Driver Stages Current
VCC1 = 4.5 V
mA
65
75
ICC 2
Output Stage Current
VCC 2 = 6 V
mA
95
120
HPMX-3002 Summary Characterization Information, T
C = 37°C, ZO = 50 Ω
VCC1 = 4.5 V, VCC2 = 6 V, Pin = -6 dBm @ 900 MHz, output matched for maximum power
ICC1 = 65 mA nom., ICC2 = 95 mA nom. set by Vcont (pin 5) = 2.2 V (unless otherwise noted).
Symbol
Parameters and Test Conditions
Units
Typ.
P1dB
Output Power at 1 dB Gain
PIN set for Pout = P 1 dB,
dBm
22
Compression
f = 900 MHz
Gss
Small Signal Gain
f = 900 MHz, Pin= -18 dBm
dB
32
IP3
Third Order Intercept Point
f1 = 900 MHz, f2 = 901 MHz
dBm
29
Pout per tone = 12 dBm
IP5
Fifth Order Intercept Point
f1 = 900 MHz, f2 = 901 MHz
dBm
24
Pout per tone = 12 dBm
NF
Noise Figure
dB
9.5
VSWR in
Input Voltage Standing Wave Ratio
-
1.5:1
Icont
Control Current
Vcont = 0 to 2.2V
mA
2.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com