Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPMX-3002 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HPMX-3002
Description  Silicon Bipolar RFIC 900 MHz Driver Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-3002 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HPMX-3002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6-78
HPMX-3002 Pin
Description
Ground (pins 1,3,7,8):
This RFIC is ground sensitive. A
short path to ground with minimal
parasitics must be provided on all
ground leads to prevent stability
problems. The PC board should
be 0.032" or less in thickness.
Multiple vias should be placed
near the ground leads. Failure to
properly ground this device can
lead to positive return gain and
possible stability problems. We
suggest performing a stability
analysis using the device s
parameters and a description of
the inductance of your ground
path. A recommended board
layout is shown on the final page
of this data sheet. Pins 7 and 8
also provide the primary thermal
path for heatsinking the device.
VCC1 (pin 2):
This pin provides the DC bias for
the amplifier driver stages, and
has an operating range of 4.5 to 6
V (5 V nominal). It should be
bypassed close to RFIC body
using a 1000 pF capacitor.
RFin (pin 4):
The impedance of this RFIC is
well matched to 50
Ω from 100
MHz to 1100 MHz. Normally, no
additional impedance matching is
required. S-parameters are
provided should the designer need
to “fine tune” the input match. Pin
4 must be AC coupled to
generator (1000 pF typ. blocking
capacitor). The nominal drive
level is -6 dBm, and under normal
operating conditions should not
exceed 0 dBm.
Control (pin 5):
Applying a DC voltage to this pin
adjusts the gain of the last 2
stages of the RFIC over a 50 dB
range. Pin 5 has an operational
range of 0 to 2.5 V. The power
control function is designed for
operation in the 800 - 1000 MHz
frequency range, and decreases in
adjustment capability at lower
frequencies – refer to the
performance graphs (figure 3).
RFout and VCC2 (Pin 6):
Pin 6 connects to the open collec-
tor of the output stage. A power
match is required at this pin. The
typical match for operation
between 800 and 1000 MHz
consists of a shunt L (8 nH typ.)
and a series C (27 pF typ.), with
the series C also serving as the
blocking capacitor. The s
parameter data should be used to
generate matches for other
frequency bands.
Figure 1. HPMX-3002 Typical 900 MHz Amplifier Use.
27 pF
TRANSMISSION LINES ARE 50
Ω
PIN:
1
8
2
7
3
6
4
5
1000 pF
RFIN (50 Ω)
1000 pF
VCC1
(4 TO 6 V,
65 mA NOM.)
VCC2
(4 TO 8 V,
95 mA NOM.)
1000 pF
8 nH
RFOUT (50 Ω)
OUTPUT POWER
CONTROL VOLTAGE
(2.2 V, 2.5 mA TYP.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com