Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPMX-3002 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HPMX-3002
Description  Silicon Bipolar RFIC 900 MHz Driver Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-3002 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HPMX-3002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6-79
HPMX-3002 Typical Performance, TC = 37°C, ZO = 50 Ω
Pin = -6 dBm @ 900 MHz, VCC1 = 4.5 V, VCC2 = 6 V, Vcontrol = 2.2 V, ICC1 = 66 mA, ICC2 = 95 mA nom.
Output matched for max. Pout @ 900 MHz (unless otherwise noted)
Figure 8. HPMX-3002 one dB Com-
pressed Power and Small Signal Gain
vs. Frequency and Temperature.
Figure 9. HPMX-3002 Intermodulation
Distortion vs. Output Power and
Temperature with
Vcontrol= 2.0 V.
Figure 10. HPMX-3002 Intermodula-
tion Distortion vs. Control Voltage and
VCC1 for Pout per tone = 12 dBm.
840
25
FREQUENCY (MHz)
880
920
40
35
30
960
S21
-40
+37
21
24
23
22
P1dB
+85
+85
+37
-40
4
-80
POUT PER TONE (dBm)
812
-40
-50
-60
-70
14
-30
+85
+37
-40
IM3
610
+85
+37
-40
IM5
1.8
VCONTROL (V)
2
-40
-50
-60
2.2
-30
5.5 V
IM3
1.9
2.1
IM5
5.0 V
4.5 V
5.5 V
5.0 V
4.5 V
Figure 2. HPMX-3002 Output Power
and Current vs. Frequency and
Temperature.
Figure 3. HPMX-3002 Output Power
vs. Frequency and Control Voltage.
Figure 4. HPMX-3002 Output Power
and Current vs. Control Voltage and
Temperature.
0
-40
FREQUENCY (MHz)
200
400
600
800
10
0
-10
-20
-30
1000
2.2 V
2.0 V
1.8 V
1.6 V
1.4 V
1.2 V
1.0 V
0.8 V
0.6 V
0.4 V
0.2 V
20
30
0
8
FREQUENCY (MHz)
200
400
600
800
18
16
14
12
10
1000
5.5 V
5.0 V
4.5 V
Figure 5. HPMX-3002 Output Power
vs. Supply Voltage.
Figure 6. HPMX-3002 Current vs.
Output Power and Temperature.
Figure 7. HPMX-3002 Noise Figure vs.
Frequency and VCC1 .
0
15
FREQUENCY (MHz)
200
400
600
800
25
23
21
19
17
1000
50
150
130
110
90
70
POUT
ICC2
ICC1
+85
+37
-40
+85
+37
-40
+85
+37
-40
0
-40
CONTROL VOLTAGE (V)
0.5
1
1.5
2
10
0
-10
-20
-30
2.5
20
30
0
100
80
60
40
20
120
140
POUT
ICC2
ICC1
+85
+37
+37
-40
+85
-40
-40
+85
+37
4.5
20
VCC1 (V)
4.7
4.9
5.1
5.3
24
23
22
21
5.5
25
6 V
5 V
7 V
8 V
VCC2
-40
0
POUT (dBm)
-30
-20
-10
0
80
60
40
20
30
100
-40
+37
+85
ICC2
ICC1
-40
+37
+85
10
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com