Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPMX-3002 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HPMX-3002
Description  Silicon Bipolar RFIC 900 MHz Driver Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-3002 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HPMX-3002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6-76
Silicon Bipolar RFIC
900 MHz Driver Amplifier
Technical Data
HPMX-3002
Features
• RFIC Medium Power
Amplifier
• 150-960 MHz Operating
Range
• +22 dBm Typ. PldB , +23 dBm
Typ. Psat @ 900 MHz
• 50 dB Typ. Power Control
Range
• 6 V, 160 mA Operation
• S0-8 Surface Mount Package
with Improved Heatsinking
Applications
• Driver Amplifier for GSM
Cellular Handsets
• Driver or Output Stage for
900 MHz ISM Band
Transmitters
• Driver or Output Stage for
Transmitters Operating in
the 150-960 MHz Range
Plastic S0-8 Package
Pin Configuration
Description
Hewlett-Packard’s HPMX-3002 is
a silicon microwave monolithic
integrated circuit driver amplifier
housed in a S0-8 surface mount
plastic package. It operates over
the 150 - 960 MHz frequency
range, and at 900 MHz it produces
+23 dBm of saturated output
power, has 30 dB of small signal
gain and a 50 dB power control
range. The amplifier has a well-
matched input, and an open
collector output which provides
good linearity and efficiency and
is easy to externally match to 50
Ω for optimal power output.
This device is well suited as a
driver amplifier for European
GSM (Global System for Mobile
communications) portable and
mobile telephone systems, or as
the output stage for other low
cost applications such as 900 MHz
ISM band spread-spectrum.
The HPMX-3002 is fabricated with
Hewlett-Packard’s 15 GHz ft
ISOSAT-II process, which
combines stepper lithography, ion
implantation, self-alignment
techniques, and gold metallization
to produce RFICs with superior
performance, uniformity and
reliability .
Functional Block Diagram
1
2
3
4
8
7
6
5
GROUND AND
THERMAL
CONTACT
VCC1
GROUND
RFIN
GROUND AND
THERMAL
CONTACT
RFOUT AND VCC2
POWER CONTROL
(4)
RFIN
(1, 3, 7, 8)
GROUND
(5)
POWER CONTROL
(6)
RFOUT AND VCC2
(3RD STAGE BIAS,
OPEN COLLECTOR)
(2)
VCC1
(1ST AND 2ND STAGES)
5965-9661E


Similar Part No. - HPMX-3002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-3003 HP-HPMX-3003 Datasheet
89Kb / 8P
1.5 - 2.5 GHz LNA Switch PA
HPMX-3003-BLK HP-HPMX-3003-BLK Datasheet
89Kb / 8P
1.5 - 2.5 GHz LNA Switch PA
HPMX-3003-TR1 HP-HPMX-3003-TR1 Datasheet
89Kb / 8P
1.5 - 2.5 GHz LNA Switch PA
More results

Similar Description - HPMX-3002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
Agilent(Hewlett-Packard...
HPMX-2003 HP-HPMX-2003 Datasheet
309Kb / 16P
Silicon Bipolar RFIC 900 MHz Vector Modulator
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
MSA-20XX HP-MSA-20XX Datasheet
127Kb / 8P
Silicon Bipolar RFIC Amplifiers
MSA-31XX HP-MSA-31XX Datasheet
104Kb / 7P
Silicon Bipolar RFIC Amplifiers
logo
Synaptics Incorporated.
RF106 CONEXANT-RF106 Datasheet
64Kb / 6P
RF106 900 MHz Power Amplifier
logo
California Eastern Labs
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
900 MHz SILICON RFIC DOWN CONVERTER
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
AVAGO TECHNOLOGIES LIMI...
MSA-2011 AVAGO-MSA-2011 Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
logo
Texas Instruments
TRF8011 TI1-TRF8011_09 Datasheet
154Kb / 8P
900-MHz RF TRANSMIT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com