Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1687GV Datasheet (PDF) - California Eastern Labs

UPC1687GV Datasheet PDF - California Eastern Labs
Part # UPC1687GV
Download  UPC1687GV Download
File Size   48.03 Kbytes
Page   5 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 900 MHz SILICON RFIC DOWN CONVERTER

UPC1687GV Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1687GV Datasheet PDF - California Eastern Labs

Part # UPC1687GV
Download  UPC1687GV Click to download

File Size   48.03 Kbytes
Page   5 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 900 MHz SILICON RFIC DOWN CONVERTER

UPC1687GV Datasheet (HTML) - California Eastern Labs




Similar Part No. - UPC1687GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1687GV NEC-UPC1687GV Datasheet
81Kb / 16P
GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1687GV-E1 NEC-UPC1687GV-E1 Datasheet
81Kb / 16P
GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
More results


Similar Description - UPC1687GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8100GR NEC-UPC8100GR Datasheet
141Kb / 16P
SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
logo
Sony Corporation
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
Up/Down Converter for 900 MHz-Band Mobile Communications
logo
Agilent(Hewlett-Packard...
HPMX-2003 HP-HPMX-2003 Datasheet
309Kb / 16P
Silicon Bipolar RFIC 900 MHz Vector Modulator
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
HPMX-3002 HP-HPMX-3002 Datasheet
93Kb / 8P
Silicon Bipolar RFIC 900 MHz Driver Amplifier
logo
Tyco Electronics
SA65-0003 MACOM-SA65-0003 Datasheet
259Kb / 4P
Down Converter, 1500 - 2000 MHz
MAIA-007495-000100 MACOM-MAIA-007495-000100 Datasheet
190Kb / 5P
Down Converter 1500 - 2400 MHz
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
900 MHz SILICON MMIC DOWN CONVERTER
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
M/A-COM Technology Solu...
SA65-0003 MA-COM-SA65-0003 Datasheet
75Kb / 3P
Down Converter, 1500 - 2000 MHz
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com