Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA65-0003 Datasheet (PDF) - Tyco Electronics

SA65-0003 Datasheet PDF - Tyco Electronics
Part # SA65-0003
Download  SA65-0003 Download
File Size   259.54 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Down Converter, 1500 - 2000 MHz

SA65-0003 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA65-0003 Datasheet PDF - Tyco Electronics

Part # SA65-0003
Download  SA65-0003 Click to download

File Size   259.54 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Down Converter, 1500 - 2000 MHz

SA65-0003 Datasheet (HTML) - Tyco Electronics




Similar Part No. - SA65-0003

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SA65-0003 MA-COM-SA65-0003 Datasheet
75Kb / 3P
Down Converter, 1500 - 2000 MHz
SA65-0003-TB MA-COM-SA65-0003-TB Datasheet
75Kb / 3P
Down Converter, 1500 - 2000 MHz
SA65-0003TR MA-COM-SA65-0003TR Datasheet
75Kb / 3P
Down Converter, 1500 - 2000 MHz
More results


Similar Description - SA65-0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20-0058-S MACOM-CH20-0058-S Datasheet
18Kb / 1P
11 dB Directional Coupler 1500 - 2000 MHz
MAIA-007495-000100 MACOM-MAIA-007495-000100 Datasheet
190Kb / 5P
Down Converter 1500 - 2400 MHz
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
900 MHz SILICON MMIC DOWN CONVERTER
logo
Mini-Circuits
ZN2PD-1900W MINI-ZN2PD-1900W Datasheet
94Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1500 to 2000 MHz
logo
M/A-COM Technology Solu...
SA65-0003 MA-COM-SA65-0003 Datasheet
75Kb / 3P
Down Converter, 1500 - 2000 MHz
MAIA-007495-000100 MA-COM-MAIA-007495-000100 Datasheet
105Kb / 5P
Down Converter 1500 - 2400 MHz
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
2.25-MHz Step-Down Converter
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
AC1529 TELEDYNE-AC1529 Datasheet
163Kb / 2P
10 TO 1500 MHz 10 TO 1500 MHz
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
10 TO 2000 MHz 10 TO 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com