Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1686GV Datasheet (PDF) - California Eastern Labs

UPC1686GV Datasheet PDF - California Eastern Labs
Part # UPC1686GV
Download  UPC1686GV Download
File Size   198.46 Kbytes
Page   8 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 900 MHz SILICON MMIC DOWN CONVERTER

UPC1686GV Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1686GV Datasheet PDF - California Eastern Labs

Part # UPC1686GV
Download  UPC1686GV Click to download

File Size   198.46 Kbytes
Page   8 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 900 MHz SILICON MMIC DOWN CONVERTER

UPC1686GV Datasheet (HTML) - California Eastern Labs




Similar Part No. - UPC1686GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1686GV NEC-UPC1686GV Datasheet
84Kb / 16P
GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1686GV-E1 NEC-UPC1686GV-E1 Datasheet
84Kb / 16P
GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
More results


Similar Description - UPC1686GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8100GR NEC-UPC8100GR Datasheet
141Kb / 16P
SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
logo
Sony Corporation
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
Up/Down Converter for 900 MHz-Band Mobile Communications
logo
NEC
UPC2747 NEC-UPC2747 Datasheet
63Kb / 5P
3 V, 900 MHz Si MMIC AMPLIFIER
UPC2748T NEC-UPC2748T Datasheet
49Kb / 5P
3 V, 900 MHz LOW NOISE SI MMIC AMPLIFIER
UPC2753GR NEC-UPC2753GR Datasheet
72Kb / 6P
3V, 400 MHz SILICON MMIC FREQUENCY CONVERTER
UPC2768GR NEC-UPC2768GR Datasheet
51Kb / 4P
3V, 450 MHz SILICON MMIC FREQUENCY CONVERTER
logo
California Eastern Labs
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
900 MHz SILICON RFIC DOWN CONVERTER
UPC2747TB CEL-UPC2747TB Datasheet
240Kb / 9P
3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
logo
NXP Semiconductors
BLM6G10-30 NXP-BLM6G10-30 Datasheet
88Kb / 11P
W-CDMA 900 MHz - 1000 MHz power MMIC
Rev. 01-28 August 2009
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com