Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2768GR Datasheet (PDF) - NEC

UPC2768GR Datasheet PDF - NEC
Part # UPC2768GR
Download  UPC2768GR Download
File Size   51.79 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3V, 450 MHz SILICON MMIC FREQUENCY CONVERTER

UPC2768GR Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2768GR Datasheet PDF - NEC

Part # UPC2768GR
Download  UPC2768GR Click to download

File Size   51.79 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3V, 450 MHz SILICON MMIC FREQUENCY CONVERTER

UPC2768GR Datasheet (HTML) - NEC




Similar Part No. - UPC2768GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2768GR RENESAS-UPC2768GR Datasheet
208Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2768GR-E1 RENESAS-UPC2768GR-E1 Datasheet
208Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results


Similar Description - UPC2768GR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC387MS8 HITTITE-HMC387MS8 Datasheet
224Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
logo
NEC
UPC8106T NEC-UPC8106T Datasheet
112Kb / 4P
3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC2753GR NEC-UPC2753GR Datasheet
72Kb / 6P
3V, 400 MHz SILICON MMIC FREQUENCY CONVERTER
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
900 MHz SILICON MMIC DOWN CONVERTER
logo
NEC
UPC8106T NEC-UPC8106T_00 Datasheet
46Kb / 5P
3 V, SILICON MMIC FREQUENCY UP-CONVERTER
logo
Hittite Microwave Corpo...
HMC387MS8 HITTITE-HMC387MS8_06 Datasheet
318Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
logo
NEC
UPC2757T NEC-UPC2757T Datasheet
44Kb / 4P
3 V, SILICON MMIC FREQUENCY CONVERTER
logo
Hittite Microwave Corpo...
HMC387MS8 HITTITE-HMC387MS8_08 Datasheet
227Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
logo
Texas Instruments
ADC12L066 TI1-ADC12L066 Datasheet
1Mb / 36P
450 MHz Bandwidth A/D Converter
ADC12L080 TI1-ADC12L080 Datasheet
1,006Kb / 31P
450 MHz Bandwidth A/D Converter
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com