Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC387MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC387MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC387MS8
Download  HMC387MS8 Download
File Size   224.66 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz

HMC387MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC387MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC387MS8
Download  HMC387MS8 Click to download

File Size   224.66 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz

HMC387MS8 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC387MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC387MS8 HITTITE-HMC387MS8 Datasheet
227Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8 HITTITE-HMC387MS8 Datasheet
318Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8E HITTITE-HMC387MS8E Datasheet
227Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8 HITTITE-HMC387MS8_06 Datasheet
318Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8 HITTITE-HMC387MS8_08 Datasheet
227Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
More results


Similar Description - HMC387MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC399MS8 HITTITE-HMC399MS8 Datasheet
231Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8 Datasheet
215Kb / 6P
HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC214MS8 HITTITE-HMC214MS8 Datasheet
274Kb / 6P
HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC387MS8 HITTITE-HMC387MS8_06 Datasheet
318Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC399MS8 HITTITE-HMC399MS8_06 Datasheet
323Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC214MS8 HITTITE-HMC214MS8_09 Datasheet
199Kb / 6P
HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC387MS8 HITTITE-HMC387MS8_08 Datasheet
227Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC399MS8 HITTITE-HMC399MS8_08 Datasheet
232Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com