Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC402MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC402MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC402MS8
Download  HMC402MS8 Download
File Size   215.2 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz

HMC402MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC402MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC402MS8
Download  HMC402MS8 Click to download

File Size   215.2 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz

HMC402MS8 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC402MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC402MS8 HITTITE-HMC402MS8 Datasheet
219Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8 Datasheet
317Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8E HITTITE-HMC402MS8E Datasheet
219Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_06 Datasheet
317Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_08 Datasheet
219Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
More results


Similar Description - HMC402MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC316MS8 HITTITE-HMC316MS8 Datasheet
199Kb / 6P
GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
HMC350MS8 HITTITE-HMC350MS8 Datasheet
211Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED MIXER, 0.6 - 1.2 GHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC214MS8 HITTITE-HMC214MS8 Datasheet
274Kb / 6P
HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC400MS8 HITTITE-HMC400MS8_06 Datasheet
332Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_06 Datasheet
317Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC214MS8 HITTITE-HMC214MS8_09 Datasheet
199Kb / 6P
HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_08 Datasheet
219Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com