Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC350MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC350MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC350MS8
Download  HMC350MS8 Download
File Size   211.3 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC HIGH IP3 SINGLEBALANCED MIXER, 0.6 - 1.2 GHz

HMC350MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC350MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC350MS8
Download  HMC350MS8 Click to download

File Size   211.3 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC HIGH IP3 SINGLEBALANCED MIXER, 0.6 - 1.2 GHz

HMC350MS8 Datasheet (HTML) - Hittite Microwave Corporation


HMC350MS8 Product details

General Description
The HMC350MS8 & HMC350MS8E are miniature single balanced mixers in 8 lead plastic surface mount packages. The passive GaAs schottky diode mixer implements planar on chip baluns and requires no external components. The mixer can be used as an upconverter, down converter, or modulator. The mixer provides 7.5 dB conversion loss and +25 dBm IIP3 with LO drive levels of +19 dBm at mid-band. The design was optimized for low cost high volume applications where high converter linearity is required.

Features
   Conversion Loss: 8 dB
   Input IP3: +27 dBm
   Input IP2: +45 dBm
   Input P1dB: +17 dBm

Typical Applications
The HMC350MS8 / HMC350MS8E is ideal for:
• Cellular Basestations
• Cable Modems
• Fixed Wireless Access Systems




Similar Part No. - HMC350MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC350MS8 HITTITE-HMC350MS8 Datasheet
279Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED MIXER, 0.6 - 1.2 GHz
HMC350MS8 HITTITE-HMC350MS8_06 Datasheet
279Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED MIXER, 0.6 - 1.2 GHz
HMC350MS8 HITTITE-HMC350MS8_10 Datasheet
188Kb / 6P
GaAs MMIC HIGH IP3 SINGLE BALANCED MIXER, 0.6 - 1.2 GHz
More results


Similar Description - HMC350MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC304MS8 HITTITE-HMC304MS8 Datasheet
196Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
HMC351S8 HITTITE-HMC351S8 Datasheet
182Kb / 6P
GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8 Datasheet
215Kb / 6P
HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC214MS8 HITTITE-HMC214MS8 Datasheet
274Kb / 6P
HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC304MS8 HITTITE-HMC304MS8_06 Datasheet
263Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
HMC350MS8 HITTITE-HMC350MS8_06 Datasheet
279Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED MIXER, 0.6 - 1.2 GHz
HMC351S8 HITTITE-HMC351S8_06 Datasheet
244Kb / 6P
GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC214MS8 HITTITE-HMC214MS8_09 Datasheet
199Kb / 6P
HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC350MS8 HITTITE-HMC350MS8_10 Datasheet
188Kb / 6P
GaAs MMIC HIGH IP3 SINGLE BALANCED MIXER, 0.6 - 1.2 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com