Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2753GR Datasheet (PDF) - NEC

UPC2753GR Datasheet PDF - NEC
Part # UPC2753GR
Download  UPC2753GR Download
File Size   72.63 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3V, 400 MHz SILICON MMIC FREQUENCY CONVERTER

UPC2753GR Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2753GR Datasheet PDF - NEC

Part # UPC2753GR
Download  UPC2753GR Click to download

File Size   72.63 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3V, 400 MHz SILICON MMIC FREQUENCY CONVERTER

UPC2753GR Datasheet (HTML) - NEC


UPC2753GR Product details

DESCRIPTION AND APPLICATIONS
The UPC2753GR is a frequency converter manufactured with the NESAT III process. This product consists of an RF input amplifier, Gilbert cell mixer, LO input buffer, IF amplifier with AGC, external filter port, and IF output limiting amplifier. This device was specifically designed for low cost GPS recievers, mobile radios, and PCN applications.

FEATURES
• 3 V SINGLE SUPPLY VOLTAGE
• LOW CURRENT DISSIPATION: ICC = 7 mA TYP
• HIGH CONVERSION GAIN: 80 dB TYP
• OUTPUT LIMITING: 450 mV p-p
• WIDE BAND OPERATION UP TO 500 MHz
• AGC: 19 dB Typical




Similar Part No. - UPC2753GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2753GR NEC-UPC2753GR Datasheet
164Kb / 9P
REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
UPC2753GR NEC-UPC2753GR Datasheet
120Kb / 16P
REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
logo
Renesas Technology Corp
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2753GR-E1 RENESAS-UPC2753GR-E1 Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2753GR-E2 RENESAS-UPC2753GR-E2 Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results


Similar Description - UPC2753GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8106T NEC-UPC8106T Datasheet
112Kb / 4P
3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC2768GR NEC-UPC2768GR Datasheet
51Kb / 4P
3V, 450 MHz SILICON MMIC FREQUENCY CONVERTER
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
900 MHz SILICON MMIC DOWN CONVERTER
logo
NEC
UPC8106T NEC-UPC8106T_00 Datasheet
46Kb / 5P
3 V, SILICON MMIC FREQUENCY UP-CONVERTER
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
logo
NEC
UPC2757T NEC-UPC2757T Datasheet
44Kb / 4P
3 V, SILICON MMIC FREQUENCY CONVERTER
logo
Advanced Semiconductor ...
ASX403 ASB-ASX403 Datasheet
312Kb / 5P
400-3000 MHz MMIC Amplifier
August 2010
ASX602 ASB-ASX602 Datasheet
1Mb / 14P
400-3000 MHz MMIC Amplifier
December 2010
ASX403 ASB-ASX403_17 Datasheet
833Kb / 7P
400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX602 ASB-ASX602_17 Datasheet
1Mb / 16P
400 ~ 3000 MHz MMIC Amplifier
February 2017
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com