Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8106T Datasheet (PDF) - NEC

UPC8106T Datasheet PDF - NEC
Part # UPC8106T
Download  UPC8106T Download
File Size   112.58 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 V, SILICON MMIC FREQUENCY UP-CONVERTER

UPC8106T Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8106T Datasheet PDF - NEC

Part # UPC8106T
Download  UPC8106T Click to download

File Size   112.58 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 V, SILICON MMIC FREQUENCY UP-CONVERTER

UPC8106T Datasheet (HTML) - NEC


UPC8106T Product details

DESCRIPTION
The UPC8106T and UPC8109T are L-Band Frequency UpConverters manufactured using the NESAT III MMIC process. The UPC8106T was designed for low distortion while the UPC8109T was designed for low current consumption. Operation from a 3 volt supply voltage makes this device ideal for handheld cellular, PCN and wireless LAN applications.
NECs stringent quality assurance and test procedures ensure the highest reliability and performance.

FEATURES
• WIDE BAND OPERATION:
   IF Input: 3 dB BW: 50 ~ 400 MHz Typical
   RF Output: 3 dB BW: 0.1~2 GHz Typical
• LOW VOLTAGE OPERATION: 2.7 V Minimum
• LOW POWER CONSUMPTION: 15 mW (UPC8109T)
• POWER SAVE FUNCTION
• SUPER SMALL PACKAGE
• TAPE AND REEL PACKAGING OPTION AVAILABLE




Similar Part No. - UPC8106T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8106T NEC-UPC8106T Datasheet
46Kb / 5P
3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106T-E3 NEC-UPC8106T-E3 Datasheet
46Kb / 5P
3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
UPC8106TB NEC-UPC8106TB Datasheet
133Kb / 16P
SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC8106TB NEC-UPC8106TB Datasheet
79Kb / 7P
SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
More results


Similar Description - UPC8106T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC2753GR NEC-UPC2753GR Datasheet
72Kb / 6P
3V, 400 MHz SILICON MMIC FREQUENCY CONVERTER
UPC2768GR NEC-UPC2768GR Datasheet
51Kb / 4P
3V, 450 MHz SILICON MMIC FREQUENCY CONVERTER
logo
California Eastern Labs
UPC8106TB CEL-UPC8106TB Datasheet
224Kb / 10P
3 V SILICON RFIC FREQUENCY UPCONVERTER
logo
NEC
UPC8106T NEC-UPC8106T_00 Datasheet
46Kb / 5P
3 V, SILICON MMIC FREQUENCY UP-CONVERTER
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
logo
NEC
UPC2757T NEC-UPC2757T Datasheet
44Kb / 4P
3 V, SILICON MMIC FREQUENCY CONVERTER
logo
Mini-Circuits
SIM-U742MH+ MINI-SIM-U742MH+ Datasheet
205Kb / 2P
Up Converter Frequency Mixer
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com