Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2757T Datasheet (PDF) - NEC

UPC2757T Datasheet PDF - NEC
Part # UPC2757T
Download  UPC2757T Download
File Size   44.97 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 V, SILICON MMIC FREQUENCY CONVERTER

UPC2757T Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2757T Datasheet PDF - NEC

Part # UPC2757T
Download  UPC2757T Click to download

File Size   44.97 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 V, SILICON MMIC FREQUENCY CONVERTER

UPC2757T Datasheet (HTML) - NEC


UPC2757T Product details

The UPC2757T and UPC2758T are L-Band Frequency Converters manufactured using the NESAT III MMIC process. These products consist of a double balanced mixer, IF amplifier and LO buffer amplifier. The UPC2757T is designed for low power consumption while the UPC2758T is designed for low distortion. Both devices operate on a 3 volt supply voltage making them ideal for portable hand held cellular, GPS, PCN and wireless LAN applications.






Similar Part No. - UPC2757T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2757T NEC-UPC2757T Datasheet
125Kb / 5P
SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC2757TB NEC-UPC2757TB Datasheet
125Kb / 5P
SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
logo
California Eastern Labs
UPC2757TB CEL-UPC2757TB Datasheet
170Kb / 6P
3 V, SUPER MINIMOLD SI MMIC DOWNCONVERTER
logo
Renesas Technology Corp
UPC2757TB RENESAS-UPC2757TB Datasheet
262Kb / 22P
BIPOLAR ANALOG INTEGRATED CIRCUITS
2000
More results


Similar Description - UPC2757T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8112TB NEC-UPC8112TB Datasheet
125Kb / 5P
SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC8106T NEC-UPC8106T Datasheet
112Kb / 4P
3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC2753GR NEC-UPC2753GR Datasheet
72Kb / 6P
3V, 400 MHz SILICON MMIC FREQUENCY CONVERTER
UPC2768GR NEC-UPC2768GR Datasheet
51Kb / 4P
3V, 450 MHz SILICON MMIC FREQUENCY CONVERTER
logo
California Eastern Labs
UPC8106TB CEL-UPC8106TB Datasheet
224Kb / 10P
3 V SILICON RFIC FREQUENCY UPCONVERTER
UPC8163TB CEL-UPC8163TB Datasheet
172Kb / 5P
3 V SILICON RFIC FREQUENCY UPCONVERTER
logo
NEC
UPC8106T NEC-UPC8106T_00 Datasheet
46Kb / 5P
3 V, SILICON MMIC FREQUENCY UP-CONVERTER
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com