Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPMX-3002 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HPMX-3002
Description  Silicon Bipolar RFIC 900 MHz Driver Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-3002 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HPMX-3002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-3002 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6-80
Figure 14. HPMX-3002 Test Circuit Configuration.
0
50
FREQUENCY (MHz)
400
800
10
20
30
40
1000
0
200
600
Figure 11. HPMX-3002 Input Return
Loss vs. Frequency.
Figure 13. HPMX-3002 Stage Current
vs. Supply Voltage with VCC1 = 4.5 V.
Figure 12. HPMX-3002 Output Return
Loss vs. Frequency.
1
2
3
4
8
7
6
5
1000 pF
ALL TRANSMISSION LINES
ARE 50
Ω
PIN = -6 dBm
1000 pF
VCC1 = 4.5 V
VCC2 = 6 V
PIN:
BIAS
TEE
1000 pF
1.8 pF
VCONTROL = 2.2 V
RFOUT (50 Ω)
3 nH
0
40
FREQUENCY (MHz)
400
800
10
20
30
1000
0
200
600
0
0
VCC2 (VOLTS)
400
800
120
90
30
1000
150
200
600
60
ICC2
ICC1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com