Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5347 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5347 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5347
Download  SC5347 Download
File Size   561.78 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMP Male (Plug) Smooth Bore PCB Connector Surface Mount, Solder

SC5347 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5347 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5347
Download  SC5347 Click to download

File Size   561.78 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMP Male (Plug) Smooth Bore PCB Connector Surface Mount, Solder

SC5347 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5347 Product details

Features
• Operating Frequency
• of 18 GHz Max.
• Excellent VSWR of 1.25:1
• Blind Mate Connector
• Gold Plated Kovar Contact
• Contact plating according
• to MIL-G-45204
• Applications:
• General Purpose Test
• PCB Applications




Similar Part No. - SC5347

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5342 FAIRVIEW-SC5342 Datasheet
503Kb / 3P
SMP Male Full Detent PCB Connector Surface Mount Solder Attachment
REV 2.2A
SC5345 FAIRVIEW-SC5345 Datasheet
496Kb / 3P
RA SMP Male Limited Detent PCB Connector Surface Mount Solder Attachment
REV 3.0
SC5346 FAIRVIEW-SC5346 Datasheet
456Kb / 4P
SMP Male Limited Detent PCB Connector Surface Mount Solder Attachment
REV 1.1
More results


Similar Description - SC5347

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44879 PASTERNACK-PE44879 Datasheet
380Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44944 PASTERNACK-PE44944 Datasheet
367Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Catchers Mitt Design with 2 Ground Posts
PE44947 PASTERNACK-PE44947 Datasheet
366Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Pre-Tinned Contacts
PE44954 PASTERNACK-PE44954 Datasheet
366Kb / 3P
SMP Male Smooth Bore Shroud Press-In Mount
PE44966 PASTERNACK-PE44966 Datasheet
373Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
logo
Amphenol Corporation
925-144J-51P AMPHENOL-925-144J-51P Datasheet
132Kb / 1P
SMPM MALE SURFACE MOUNT SMOOTH BORE
logo
Rosenberger Hochfrequen...
19S141-40ML5-NM ROSENBERGER-19S141-40ML5-NM Datasheet
182Kb / 2P
SMP STRAIGHT PLUG PCB SMOOTH BORE
19S241-40ML5 ROSENBERGER-19S241-40ML5 Datasheet
319Kb / 2P
SMP RIGHT ANGLE PLUG PCB SMOOTH BORE
19S641-271L5-NM ROSENBERGER-19S641-271L5-NM Datasheet
179Kb / 2P
SMP BULKHEAD PLUG SMOOTH BORE
logo
Molex Electronics Ltd.
SD-73415-332 MOLEX-SD-73415-332 Datasheet
322Kb / 6P
SMP PLUG, STRAIGHT PCB SMOOTH BORE SMP-P/PCB EWR-1349
2010/11/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com