Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5347 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC5347
Description  SMP Male (Plug) Smooth Bore PCB Connector Surface Mount, Solder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC5347 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC5347 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC5347 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC5347 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.2 Page 1 of 3
Copyright © 2020
SMP male smooth bore connector with solder attachment for surface mount PCB,
part number SC5347, from Fairview Microwave is in-stock and ships same day.
This SMP male connector operates up to a maximum frequency of 18 GHz and
offers excellent VSWR of 1.25:1. This blind mate connector is ideal for applications
without direct visual or tactile access to the connection point, for example, when
two circuit boards need to be mated.
Fairview’s SMP male connector SC5347 datasheet specifications and outline
drawing are shown in this PDF below. Our extensive offering of RF, microwave
and millimeter wave connectors allows designers to configure and customize their
signal connections however they like. From providing an I/O for a board design
to creating a custom cable assembly configuration, Fairview Microwave has a
connector solution to meet your needs. Fairview Microwave also has the expertise
to build your custom cable assemblies for you and ship them same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
VSWR
1.25:1
.
Mechanical Specifications
Size
Length
0.195 in [4.95 mm]
Width/Dia.
0.19 in [4.83 mm]
.
Weight
0.003 lbs [1.36 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Kovar
Gold
MIL-G-45204
.
Body
Kovar
Gold
MIL-G-45204
Environmental Specifications
Temperature
Operating Range
-55 to +155 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SC5347
DATA SHEET
SMP Male (Plug) Smooth Bore PCB Connector
Surface Mount, Solder
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• Smooth Bore SMP Male Connec-
tor
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Surface Mount Interface Type
• Solder Attachment
Features:
• Operating Frequency
of 18 GHz Max.
• Excellent VSWR of 1.25:1
• Blind Mate Connector
• Gold Plated Kovar Contact
• Contact plating according
to MIL-G-45204
Applications:
• General Purpose Test
• PCB Applications


Similar Part No. - SC5347

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5342 FAIRVIEW-SC5342 Datasheet
503Kb / 3P
SMP Male Full Detent PCB Connector Surface Mount Solder Attachment
REV 2.2A
SC5345 FAIRVIEW-SC5345 Datasheet
496Kb / 3P
RA SMP Male Limited Detent PCB Connector Surface Mount Solder Attachment
REV 3.0
SC5346 FAIRVIEW-SC5346 Datasheet
456Kb / 4P
SMP Male Limited Detent PCB Connector Surface Mount Solder Attachment
REV 1.1
More results

Similar Description - SC5347

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44879 PASTERNACK-PE44879 Datasheet
380Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44944 PASTERNACK-PE44944 Datasheet
367Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Catchers Mitt Design with 2 Ground Posts
PE44947 PASTERNACK-PE44947 Datasheet
366Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Pre-Tinned Contacts
PE44954 PASTERNACK-PE44954 Datasheet
366Kb / 3P
SMP Male Smooth Bore Shroud Press-In Mount
PE44966 PASTERNACK-PE44966 Datasheet
373Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
logo
Amphenol Corporation
925-144J-51P AMPHENOL-925-144J-51P Datasheet
132Kb / 1P
SMPM MALE SURFACE MOUNT SMOOTH BORE
logo
Rosenberger Hochfrequen...
19S141-40ML5-NM ROSENBERGER-19S141-40ML5-NM Datasheet
182Kb / 2P
SMP STRAIGHT PLUG PCB SMOOTH BORE
19S241-40ML5 ROSENBERGER-19S241-40ML5 Datasheet
319Kb / 2P
SMP RIGHT ANGLE PLUG PCB SMOOTH BORE
19S641-271L5-NM ROSENBERGER-19S641-271L5-NM Datasheet
179Kb / 2P
SMP BULKHEAD PLUG SMOOTH BORE
logo
Molex Electronics Ltd.
SD-73415-332 MOLEX-SD-73415-332 Datasheet
322Kb / 6P
SMP PLUG, STRAIGHT PCB SMOOTH BORE SMP-P/PCB EWR-1349
2010/11/11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com