Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU806 Datasheet (PDF) - Inchange Semiconductor Company Limited

BU806 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BU806
Download  BU806 Download
File Size   325.79 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Darlington Power Transistor

BU806 Datasheet (PDF)

Go To PDF Page Download Datasheet
BU806 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BU806
Download  BU806 Click to download

File Size   325.79 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Darlington Power Transistor

BU806 Datasheet (HTML) - Inchange Semiconductor Company Limited


BU806 Product details

DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 200V(Min)
·DC Current Gain-
: hFE= 1000(Min)@ IC= 5A
APPLICATIONS
·This Darlington transistor is a high voltage ,high speed
device for use in horizontal deflection circuits in TV’s
and CRT’s




Similar Part No. - BU806

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU806 MOSPEC-BU806 Datasheet
110Kb / 3P
POWER TRANSISTORS(8.0A,150-200V,60W)
logo
Motorola, Inc
BU806 MOTOROLA-BU806 Datasheet
104Kb / 4P
8.0 AMPERE DARLINGTON NPN POWER TRANSISTORS 60 WATTS 200 VOLTS
logo
STMicroelectronics
BU806 STMICROELECTRONICS-BU806 Datasheet
59Kb / 4P
MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS
Oct-2003
logo
Fairchild Semiconductor
BU806 FAIRCHILD-BU806 Datasheet
41Kb / 4P
High Voltage & Fast Switching Darlington Transistor
logo
Boca Semiconductor Corp...
BU806 BOCA-BU806 Datasheet
116Kb / 3P
FAST SWITCHING DARLINGTON TRANSISTOR
More results


Similar Description - BU806

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP152 NJSEMI-TIP152 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
TIP142T NJSEMI-TIP142T Datasheet
80Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
Silicon NPN Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com