Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU806 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BU806
Description  Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU806 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BU806 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU806 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon NPN Darlington Power Transistor
BU806
www.iscsemi.com
1
DESCRIPTION
·
Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 200V(Min)
·
DC Current Gain-
: hFE= 1000(Min)@ IC= 5A
APPLICATIONS
·
This Darlington transistor is a high voltage ,high speed
device for use in horizontal deflection circuits in TV’s
and CRT’s
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.08
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector- Base Voltage
400
V
VCEO
Collector-Emitter Voltage
200
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
8
A
ICM
Collector Current-Peak
15
A
PC
Collector Power Dissipation
@TC=25℃
60
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-65~150
℃


Similar Part No. - BU806

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU806 MOSPEC-BU806 Datasheet
110Kb / 3P
POWER TRANSISTORS(8.0A,150-200V,60W)
logo
Motorola, Inc
BU806 MOTOROLA-BU806 Datasheet
104Kb / 4P
8.0 AMPERE DARLINGTON NPN POWER TRANSISTORS 60 WATTS 200 VOLTS
logo
STMicroelectronics
BU806 STMICROELECTRONICS-BU806 Datasheet
59Kb / 4P
MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS
Oct-2003
logo
Fairchild Semiconductor
BU806 FAIRCHILD-BU806 Datasheet
41Kb / 4P
High Voltage & Fast Switching Darlington Transistor
logo
Boca Semiconductor Corp...
BU806 BOCA-BU806 Datasheet
116Kb / 3P
FAST SWITCHING DARLINGTON TRANSISTOR
More results

Similar Description - BU806

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP152 NJSEMI-TIP152 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
TIP142T NJSEMI-TIP142T Datasheet
80Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com