Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRF1218RPVR Datasheet (PDF) - Texas Instruments

PTRF1218RPVR Datasheet PDF - Texas Instruments
Part # PTRF1218RPVR
Download  PTRF1218RPVR Download
File Size   817.8 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF1218 Near-DC to 25GHz Single-Ended to Differential RF Amplifier

PTRF1218RPVR Datasheet (PDF)

Go To PDF Page Download Datasheet
PTRF1218RPVR Datasheet PDF - Texas Instruments

Part # PTRF1218RPVR
Download  PTRF1218RPVR Click to download

File Size   817.8 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF1218 Near-DC to 25GHz Single-Ended to Differential RF Amplifier

PTRF1218RPVR Datasheet (HTML) - Texas Instruments


PTRF1218RPVR Product details

1 Features
• Fixed 16dB gain
• 3dB bandwidth: 25GHz
• Gain flatness:
– +1.2dB (20GHz)
– –1dB (23GHz)
• Imbalance (10MHz to 20GHz):
– Gain: ±0.2dB
– Phase: +3º
• HD2 (8GHz, PO = 3dBm): –62dBc
• HD3 (6GHz, PO = 3dBm): –50dBc
• OIP2: 67dBm (2GHz), 62dBm (8GHz)
• OIP3: 31dBm (4GHz), 22.8dBm (16GHz)
• OP1dB: 12.6dBm (4GHz), 13.1dBm (16GHz)
• NF: 10dB (4GHz), 13.2dB (16GHz)
• 50Ω single-ended input impedance
• 50Ω differential output impedance
• Power-down feature
• 5V single-supply operation
• Active current: 190mA




Similar Part No. - PTRF1218RPVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTRF1108RPVR TI1-PTRF1108RPVR Datasheet
1Mb / 18P
TRF1108 DC to 12GHz Bandwidth, Differential to Single-Ended RF Amplifier
JULY 2024
PTRF1108RPVR TI-PTRF1108RPVR Datasheet
1Mb / 32P
TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier
NOVEMBER 2024
PTRF1305B1RPVR TI-PTRF1305B1RPVR Datasheet
1Mb / 29P
TRF1305B1 Single-Channel, DC to > 6.5GHz, 3dB-Bandwidth, Fully Differential Amp
SEPTEMBER 2024
PTRF1305B1RPVR TI1-PTRF1305B1RPVR Datasheet
2Mb / 33P
TRF1305B1 Single-Channel, DC to > 7GHz, 3dB-Bandwidth, RF Fully Differential Amp
DECEMBER 2024
More results


Similar Description - PTRF1218RPVR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1077M SONY-CXA1077M Datasheet
126Kb / 7P
WIDEBAND DIFFERENTIAL AMPLIFIER (DC TO 180 MHZ)
logo
TriQuint Semiconductor
TGA2951-EPU TRIQUINT-TGA2951-EPU Datasheet
352Kb / 10P
10 Gb/s Single Ended to Differential Amplifier TGA2951-EPU
logo
STMicroelectronics
AN4586 STMICROELECTRONICS-AN4586 Datasheet
630Kb / 19P
Signal conditioning, differential to single-ended amplification
27-Oct-2014
logo
Texas Instruments
THS3215 TI1-THS3215 Datasheet
1Mb / 71P
THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
THS3217 TI1-THS3217 Datasheet
2Mb / 73P
THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
logo
Knowles Electronics
FPC06881 KNOWLES-FPC06881 Datasheet
314Kb / 2P
DC to 25GHz 20dB Resistive Coupler
FPC06882 KNOWLES-FPC06882 Datasheet
417Kb / 2P
DC to 25GHz 30dB Resistive Coupler
logo
Texas Instruments
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
LMH9126 TI1-LMH9126 Datasheet
450Kb / 18P
LMH9126 2.2??.9-GHz Differential to Single-Ended Amplifier With Integrated Balun
LMH9135 TI-LMH9135 Datasheet
1Mb / 22P
LMH9135 3.2 ??4.2 GHz Differential to Single-Ended Amplifier with Integrated Balun
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com